전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCM1106M 데이터시트(PDF) 3 Page - Allegro MicroSystems

부품명 SCM1106M
상세설명  High Voltage 3 Phase Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM1106M 데이터시트(HTML) 3 Page - Allegro MicroSystems

  SCM1106M Datasheet HTML 1Page - Allegro MicroSystems SCM1106M Datasheet HTML 2Page - Allegro MicroSystems SCM1106M Datasheet HTML 3Page - Allegro MicroSystems SCM1106M Datasheet HTML 4Page - Allegro MicroSystems SCM1106M Datasheet HTML 5Page - Allegro MicroSystems SCM1106M Datasheet HTML 6Page - Allegro MicroSystems SCM1106M Datasheet HTML 7Page - Allegro MicroSystems SCM1106M Datasheet HTML 8Page - Allegro MicroSystems SCM1106M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High Voltage 3 Phase Motor Driver
SCM1106M
3
SCM 1106 M
VBB
VCC
RS
CFO
RFO
18
17
20
19
21
22
23
24
10
9
12
11
13
14
15
16
2
1
4
3
5
6
7
8
31
32
33
28
29
30
25
26
27
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC 1
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC 2
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC 3
CN
VFO
M
CBOOT1
HO
HS1
LO
LS1
U
VBB
VB1
VCC1
HIN1
LIN1
COM1
FO1
CFO1
CBOOT2
HO
HS2
LO
LS2
V
VBB
VB2
VCC2
HIN2
LIN2
COM2
FO2
CFO2
CBOOT3
HO
HS3
LO
LS3
W
VBB
VB3
VCC3
HIN3
LIN3
COM3
FO3
CFO3
NOTE:
▪ All of the input pins are connected to GND with internal pull-down resistors rated at 100 kΩ, however, an external pull-down
resistor may be required to secure stable condition of the inputs if high impedance conditions are applied to them.
▪ To use the OCP circuit, an external shunt resistor, RS, is needed. The RS value can be obtained from the formula:
RS(Ω) = 0.5 V / Overcurrent Detection Set Current (A)
.
▪ A blanking timer is built-in to mask the noise generated on RS at turn-on.
▪ The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions from
external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further reduction of noise
susceptibility is necessary.
Typical Application Diagram
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7 8 9 10