| 전자부품 데이터시트 검색엔진 |
|
V220MA2A.. 데이터시트(PDF) 1 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
V220MA2A.. 데이터시트(HTML) 1 Page - Littelfuse |
|
1 / 5 page ![]() © 2015 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 11/04/15 Metal-Oxide Varistors (MOVs) Axial Lead / Application Specific Varistors > MA Series Description The MA Series of transient surge suppressors are axial lead Metal Oxide Varistors (MOVs) for use in a wide variety of board level industrial and commercial electronic equipment. They are intended to protect components and signal/data lines from low energy transients where the small axial lead package is required. The MA Series is offered with standard ('S' suffix) or tightened ('B' suffix) clamping voltage. See MA Series Device Ratings and Specifications Table for part number and brand information. Features • Lead–free, Halogen- Free and RoHS compliant. • 3mm diameter disc size • Small axial lead package • Wide operating voltage range: V M(AC)RMS 9V to 264V V M(DC) 13V to 365V • Available in tape and reel or bulk packaging • No derating up to 85ºC ambient • New black epoxy offers improved performance for high temperature Lead-free wave soldering process. Absolute Maximum Ratings CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Continuous MA Series Units Steady State Applied Voltage: AC Voltage Range (V M(AC)RMS) 9 to 264 V DC Voltage Range (V M(DC)) 13 to 365 V Transient: Peak Pulse Current (I TM) For 8/20µs Current Wave(See Figure 2) 40 to 100 A Single-Pulse Energy Range For 2ms Current Square Wave (W TM) 0.06 to 1.7 J Operating Ambient Temperature Range (T A) -55 to +85 °C Storage Temperature Range (T STG) -55 to +125 °C Temperature Coefficient (αV) of Clamping Voltage (V C) at Specified Test Current <0.01 %/°C Hi-Pot Encapsulation (COATING Isolation Voltage Capability) Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301) 1000 V COATING Insulation Resistance 1000 MΩ • For ratings of individual members of a series, see Device Ratings and Specifications chart MA Varistor Series Agency Approvals Agency Agency File Number None RoHS Additional Information Datasheet Samples Resources |
유사한 부품 번호 - V220MA2A.. |
|
유사한 설명 - V220MA2A.. |