| 전자부품 데이터시트 검색엔진 |
|
2113 데이터시트(PDF) 1 Page - Sealevel Systems, Inc. |
|
|
|||||||||||||||||||||||||||||
2113 데이터시트(HTML) 1 Page - Sealevel Systems, Inc. |
|
1 / 2 page ![]() USB to 1-Port RS-422, RS-485, RS-530 DB25 Serial Interface Adapter The 2104 USB serial interface adapter provides one isolated RS-422 or RS-485 serial port for control and automation applications. Isolation helps to prevent damage caused by ground loops and surges. Power for the SeaLINK+485I is obtained directly from the USB cable, eliminating the need for wall power. Sealevel’s SeaCOM USB software drivers and utilities make installation and operation easy using Microsoft Windows and Linux operating systems. After installing the software, simply connect the SeaLINK® serial interface adapter to your USB port and the device is immediately recognized by the system as a standard serial port. Part: 2104 | Model: SeaLINK+485I WORLD CL AS S . A MERICAN M ADE. Delivering Design & Manufacturing Excellence Since 1986 |
유사한 부품 번호 - 2113 |
|
유사한 설명 - 2113 |