전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA270 데이터시트(PDF) 14 Page - Texas Instruments

부품명 INA270
상세설명  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

INA270 데이터시트(HTML) 14 Page - Texas Instruments

Back Button INA270 Datasheet HTML 10Page - Texas Instruments INA270 Datasheet HTML 11Page - Texas Instruments INA270 Datasheet HTML 12Page - Texas Instruments INA270 Datasheet HTML 13Page - Texas Instruments INA270 Datasheet HTML 14Page - Texas Instruments INA270 Datasheet HTML 15Page - Texas Instruments INA270 Datasheet HTML 16Page - Texas Instruments INA270 Datasheet HTML 17Page - Texas Instruments INA270 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
0.48
0.44
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA271V
OUT Limit
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
CM2
CM3
CM4
,andV
illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
limitatV
=0mV,
OUT
SENSE
0
V
£
CM1
S
£ V
NOTE:(1)INA271V
Limit=0.4V.INA270V
Limit=0.28V.
OUT
OUT
Ideal
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
V
(mV)
SENSE
20
Actual
Ideal
14
INA270, INA271
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
Device Functional Modes (continued)
When VSENSE approaches 0 mV, in these VCM regions, the device output accuracy degrades. A larger-than-
normal offset can appear at the current shunt monitor output with a typical maximum value of VOUT = 60 mV for
VSENSE = 0 mV. When VSENSE approaches 20 mV, VOUT returns to the expected output value with accuracy as
specified in the Electrical Characteristics. Figure 17 shows this effect using the INA271 (gain = 20).
Figure 17. Example For Low VSENSE Cases 1 and 3 (INA271, Gain = 20)
8.4.2.4 Low VSENSE Case 2: VSENSE < 20 mV, 0 V ≤ VCM ≤ VS
This region of operation is the least accurate for the INA270 family. To achieve the wide input common-mode
voltage range, these devices use two op amp front ends in parallel. One op amp front end operates in the
positive input common-mode voltage range, and the other in the negative input region. For this case, neither of
these two internal amplifiers dominates and overall loop gain is very low. Within this region, VOUT approaches
voltages close to linear operation levels for Normal Case 2.
This deviation from linear operation becomes greatest the closer VSENSE approaches 0 V. Within this region,
when VSENSE approaches 20 mV, device operation is closer to that described by Normal Case 2. Figure 18
shows this behavior for the INA271. The VOUT maximum peak for this case is determined by maintaining a
constant VS, setting VSENSE = 0 mV, and sweeping VCM from 0 V to VS. The exact VCM at which VOUT peaks
during this case varies from device to device. The maximum peak voltage for the INA270 is 0.28 V; for the
INA271, the maximum peak voltage is 0.4 V.
Figure 18. Example for Low VSENSE Case 2 (INA271, Gain = 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com