| 전자부품 데이터시트 검색엔진 |
|
LM90 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM90 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 32 page ![]() LM90 www.ti.com SNIS126A – MAY 2004 – REVISED MARCH 2013 Figure 15. Mobile Pentium III or 3904 Temperature vs LM90 Temperature Reading Most silicon diodes do not lend themselves well to this application. It is recommended that a 2N3904 transistor base emitter junction be used with the collector tied to the base. A diode connected 2N3904 approximates the junction available on a Pentium III microprocessor for temperature measurement. Therefore, the LM90 can sense the temperature of this diode effectively. DIODE NON-IDEALITY Diode Non-Ideality Factor Effect on Accuracy When a transistor is connected as a diode, the following relationship holds for variables VBE, T and If: where • (2) • q = 1.6×10 −19 Coulombs (the electron charge), • T = Absolute Temperature in Kelvin • k = 1.38×10 −23joules/K (Boltzmann's constant), • η is the non-ideality factor of the process the diode is manufactured on, • IS = Saturation Current and is process dependent, • If= Forward Current through the base emitter junction • VBE = Base Emitter Voltage drop (2) In the active region, the -1 term is negligible and may be eliminated, yielding the following equation (3) In the above equation, η and IS are dependant upon the process that was used in the fabrication of the particular diode. By forcing two currents with a very controlled ration (N) and measuring the resulting voltage difference, it is possible to eliminate the IS term. Solving for the forward voltage difference yields the relationship: (4) Copyright © 2004–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LM90 |