| 전자부품 데이터시트 검색엔진 |
|
SN74ALVC245DWR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ALVC245DWR 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 11 page ![]() SN74ALVC245 OCTAL BUS TRANSCEIVER WITH 3STATE OUTPUTS SCES271C − APRIL 1999 − REVISED SEPTEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 5) MIN MAX UNIT VCC Supply voltage 1.65 3.6 V VCC = 1.65 V to 1.95 V 0.65 × VCC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VIH High-level input voltage VCC = 2.7 V to 3.6 V 2 V VCC = 1.65 V to 1.95 V 0.35 × VCC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VIL Low-level input voltage VCC = 2.7 V to 3.6 V 0.8 V VI Input voltage 0 VCC V VO Output voltage 0 VCC V VCC = 1.65 V −4 IOH High-level output current VCC = 2.3 V −12 mA IOH High-level output current VCC = 2.7 V −12 mA VCC = 3 V −24 VCC = 1.65 V 4 IOL Low-level output current VCC = 2.3 V 12 mA IOL Low-level output current VCC = 2.7 V 12 mA VCC = 3 V 24 ∆t/∆v Input transition rise or fall rate 10 ns/V TA Operating free-air temperature −40 85 °C NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |