전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8563 데이터시트(PDF) 44 Page - NXP Semiconductors

부품명 PCF8563
상세설명  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 데이터시트(HTML) 44 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 37Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 38Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 39Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 40Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 41Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 42Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 43Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 44Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 44 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
44 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
24. Figures
Fig 1.
Block diagram of PCF8563 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for HVSON10 (PCF8563BS) . . .4
Fig 3.
Pin configuration for SO8 (PCF8563T) . . . . . . . . .4
Fig 4.
Pin configuration for TSSOP8 (PCF8563TS). . . . .4
Fig 5.
Interrupt scheme . . . . . . . . . . . . . . . . . . . . . . . . . .8
Fig 6.
Voltage-low detection. . . . . . . . . . . . . . . . . . . . . .10
Fig 7.
Data flow for the time function . . . . . . . . . . . . . . .12
Fig 8.
Access time for read/write operations . . . . . . . . .13
Fig 9.
Alarm function block diagram. . . . . . . . . . . . . . . .15
Fig 10. STOP bit functional diagram . . . . . . . . . . . . . . . .18
Fig 11. STOP bit release timing . . . . . . . . . . . . . . . . . . . .18
Fig 12. POR override sequence . . . . . . . . . . . . . . . . . . .20
Fig 13. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Fig 14. Definition of START and STOP conditions. . . . . .21
Fig 15. System configuration . . . . . . . . . . . . . . . . . . . . . .22
Fig 16. Acknowledgement on the I2C-bus . . . . . . . . . . . .22
Fig 17. Slave address . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 18. Master transmits to slave receiver
(WRITE mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 19. Master reads after setting register address (write
register address; READ data) . . . . . . . . . . . . . . .24
Fig 20. Master reads slave immediately after first byte
(READ mode) . . . . . . . . . . . . . . . . . . . . . . . . . . .24
Fig 21. Interface watchdog timer . . . . . . . . . . . . . . . . . . .25
Fig 22. Device diode protection diagram . . . . . . . . . . . . .26
Fig 23. Supply current IDD as a function of supply voltage
VDD; CLKOUT disabled . . . . . . . . . . . . . . . . . . . .29
Fig 24. Supply current IDD as a function of supply voltage
VDD; CLKOUT = 32 kHz. . . . . . . . . . . . . . . . . . . .29
Fig 25. Supply current IDD as a function of temperature
T; CLKOUT = 32 kHz . . . . . . . . . . . . . . . . . . . . . .30
Fig 26. Frequency deviation as a function of supply voltage
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 27. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . .31
Fig 28. Application diagram . . . . . . . . . . . . . . . . . . . . . . .32
Fig 29. Package outline SOT650-1 (HVSON10) of
PCF8563BS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Fig 30. Package outline SOT96-1 (SO8) of PCF8563T. .34
Fig 31. Package outline SOT505-1 (TSSOP8) of
PCF8563TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 32. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45