전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2983 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LP2983
상세설명  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LP2983 Datasheet HTML 2Page - Texas Instruments LP2983 Datasheet HTML 3Page - Texas Instruments LP2983 Datasheet HTML 4Page - Texas Instruments LP2983 Datasheet HTML 5Page - Texas Instruments LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments LP2983 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
LP2983
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified: TJ = 25°C, VIN = VO(NOM) + 1 V, IL = 1 mA, COUT = 1 μF, VON/OFF = 2 V.
PARAMETER
TEST CONDITIONS
LP2981AI-XX(1)
LP2981I-XX(1)
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
(3)
The LP2983 has foldback current limiting which allows a high peak current when VOUT > 0.5 V, and then reduces the maximum output
current as VOUT is forced down to ground. See related curve(s) in Typical Characteristics section.
en
Output noise voltage
(RMS)
BW = 300 Hz to 50 kHz
VOUT = 1.2 V, COUT = 10 μF
60
60
μV
ΔVO/ΔVIN Ripple rejection
ƒ = 1 kHz, COUT = 2.2 μF
65
65
dB
IO(MAX)
Short-circuit current
RL = 0 Ω (steady state)
(3)
400
400
mA
IO(PK)
Peak output current
VOUT ≥ VO(NOM) − 5%
250
250
mA
6.6 Typical Characteristics
Unless otherwise specified: CIN = 1 µF, COUT = 2.2 µF, VIN = VOUT(NOM) + 1, TA = 25°C, ON/OFF pin is tied to VIN.
Figure 1. LP2983 Tempco
Figure 2. Minimum Input Voltage vs Temperature
Load = 0 mA
Figure 3. Input Current vs VIN
Load = 1 mA
Figure 4. Input Current vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com