전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3918TL/NOPB.A 데이터시트(PDF) 14 Page - Texas Instruments

부품명 LP3918TL/NOPB.A
상세설명  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918TL/NOPB.A 데이터시트(HTML) 14 Page - Texas Instruments

Back Button LP3918TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
REGISTER INFORMATION, SLAVE ADDRESS CODE 7H’7E
Table 3. Control Registers(1)(2)
Register
Addr
(default
D7
D6
D5
D4
D3
D2
D1
D0
value)
OP_EN
8h'00
X
X
X
X
LDO7_EN
LDO3_EN
X
LDO1_EN
(0000 0101)
LDO1PGM
8h'01
O/P
X
X
X
X
V1_OP[3]
V1_OP[2]
V1_OP[1]
V1_OP[0]
(0000 0001)
LDO2PGM
8h'02
O/P
X
X
X
X
V2_OP[3]
V2_OP[2]
V2_OP[1]
V2_OP[0]
(0000 1011)
LDO3PGM
8h'03
O/P
X
X
X
X
V3_OP[3]
V3_OP[2]
V3_OP[1]
V3_OP[0]
(0000 1011)
LDO4PGM
8h'04
O/P
X
X
X
X
V4_OP[3]
V4_OP[2]
V4_OP[1]
V4_OP[0]
(0000 1011)
LDO5PGM
8h'05
O/P
X
X
X
X
V5_OP[3]
V5_OP[2]
V5_OP[1]
V5_OP[0]
(0000 1011)
LDO6PGM
8h'06
O/P
X
X
X
X
V6_OP[3]
V6_OP[2]
V6_OP[1]
V6_OP[0]
(0000 1011)
LDO7PGM
8h'07
O/P
X
X
X
X
V7_OP[3]
V7_OP[2]
V7_OP[1]
V7_OP[0]
(0000 1011)
STATUS
PWR_ON
HF_PWR
CHG_IN
8h'0C
X
X
X
X
X
(0000 0000)
_TRIG
_TRIG
_TRIG
CHGCNTL1
USBMODE
CHGMODE
TOUT_
8h'10
Force EOC
EN_Tout
En_EOC
X
EN_CHG
(0000 1001)
_EN
_EN
doubling
CHGCNTL2
Prog_
Prog_
Prog_
Prog_
Prog_
8h'11
(0000 0001)
ICHG[4]
ICHG[3]
ICHG[2]
ICHG[1]
ICHG[0]
CHGCNTL3
Prog_
Prog_
Prog_
Prog_
8h'12
VTERM[1]
VTERM[0]
(0001 0010)
EOC[1]
EOC[0]
VRSTRT[1]
VRSTRT[0]
CHGSTATU
Batt_Over
CHGIN_
Tout_
Tout_
8h'13
EOC
LDO Mode
Fullrate
PRECHG
S1
_Out
OK_Out
Fullrate
Prechg
CHGSTATU
Tout_
8h'14
Bad_Batt
S2
ConstV
MISC
APU_TSD_
PS_HOLD
8h'1C
Control1
EN
_DELAY
(1)
X = Not Used
(R/O) = Bits are Read Only type.
Codes other than those shown in the table are disallowed.
(2)
Note that for Serial Interface operation and thus register control, LDO2 must be active to provide the power for the internal logic.
LDO Output Voltage Programming
The following table summarizes the supported output voltages for the LP3918. Default voltages after startup are
highlighted in bold.
Data Code
LDO1
LDO2
VLDO3
LDO4
LDO5
LDO6
LDO7
(Reg 01 - 07)
V
V
V
V
V
V
V
8h'00
1.5
1.5
1.5
8h'01
1.8
1.8
1.8
8h'02
1.85
1.85
1.85
8h'03
2.5
2.5
2.5
2.5
8h'04
2.6
2.6
2.6
2.6
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38