전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3923TL/NOPB.A 데이터시트(PDF) 17 Page - Texas Instruments

부품명 LP3923TL/NOPB.A
상세설명  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TL/NOPB.A 데이터시트(HTML) 17 Page - Texas Instruments

Back Button LP3923TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 18Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Table 9. Register 0x1C – MISC Control 1
EN_APU_TSD
0 - do not start PMU automatically after TSD event
1 - start PMU automatically after TSD event
PS_HOLD_DELAY
0 - PMU powerdown after PS_HOLD has been low for 35 ms
1 - PMU powerdown after PS_HOLD has been low for 350 ms
LDO OUTPUT VOLTAGE PROGRAMMING
The following table summarizes the supported output voltages for LP3923. Default voltages after start-up
sequences have been highlighted in bold.
Data Code LDO_Vx_OP[x]
LDOx [V]
Data Code LDO_Vx_OP[x]
LDOx [V]
8h'00
1.20
8h'10
2.20
8h'01
1.25
8h'11
2.40
8h'02
1.30
8h'12
2.50
8h'03
1.35
8h'13
2.60
8h'04
1.40
8h'14
2.65
8h'05
1.45
8h'15
2.70
8h'06
1.50
8h'16
2.75
8h'07
1.55
8h'17
2.80
8h08
1.60
8h'18
2.85
8h'09
1.65
8h'19
2.90
8h'0A
1.70
8h'1A
2.95
8h'0B
1.75
8h'1B
3.00(1)
8h'0C
1.80(1)
8h'1C
3.05
8h'0D
1.85
8h'1D
3.10
8h'0E
1.90
8h'1E
3.20
8h'0F
2.00
8h'1F
3.3
(1)
See Table 1.
CHARGING CURRENT PROGRAMMING
Table 10. The following table summarizes the supported currents for LP3923.
PROG_ ICHG[4]
PROG_ ICHG[3]
PROG_ ICHG[2]
PROG_ ICHG[1]
PROG_ ICHG[0]
ICHG (mA)
0
0
0
0
0
50
0
0
0
0
1
100
0
0
0
1
0
150
0
0
0
1
1
200
0
0
1
0
0
250
0
0
1
0
1
300
0
0
1
1
0
350
0
0
1
1
1
400 (Default)
0
1
0
0
0
450
0
1
0
0
1
500
0
1
0
1
0
550
0
1
0
1
1
600
0
1
1
0
0
650
0
1
1
0
1
700
0
1
1
1
0
750
0
1
1
1
1
800
1
0
0
0
0
850
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com