전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LR128GT 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 M58LR128GT
상세설명  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 44Page - STMicroelectronics M58LR128GT Datasheet HTML 45Page - STMicroelectronics M58LR128GT Datasheet HTML 46Page - STMicroelectronics M58LR128GT Datasheet HTML 47Page - STMicroelectronics M58LR128GT Datasheet HTML 48Page - STMicroelectronics M58LR128GT Datasheet HTML 49Page - STMicroelectronics M58LR128GT Datasheet HTML 50Page - STMicroelectronics M58LR128GT Datasheet HTML 51Page - STMicroelectronics M58LR128GT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
M58LR128GT, M58LR128GB
48/84
Figure 13. Single Synchronous Read AC Waveforms
Note: 1. The WAIT signal is configured to be active during wait state. WAIT signal is active Low.
2. Address latched and data output on the rising clock edge. Either the rising or the falling edge of the clock signal, K, canbe configured
as the active edge. Here, the active edge is the rising one.
Ai11041
E
G
A0-A23
L
WAIT(1,2)
K(2)
VALID ADDRESS
tGLQV
tAVKH
tLLKH
tELKH
Hi-Z
tELQX
tKHQV
tGLQX
tKHTV
DQ0-DQ15
VALID
Hi-Z
tELQV
tGLTV
tGHTZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84