전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1609APT 데이터시트(PDF) 44 Page - Texas Instruments

부품명 PCM1609APT
상세설명  24-BIT 192-kHz SAMPLING 8-CHANNEL ENHANCED MULTILEVEL DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1609APT 데이터시트(HTML) 44 Page - Texas Instruments

Back Button PCM1609APT Datasheet HTML 39Page - Texas Instruments PCM1609APT Datasheet HTML 40Page - Texas Instruments PCM1609APT Datasheet HTML 41Page - Texas Instruments PCM1609APT Datasheet HTML 42Page - Texas Instruments PCM1609APT Datasheet HTML 43Page - Texas Instruments PCM1609APT Datasheet HTML 44Page - Texas Instruments PCM1609APT Datasheet HTML 45Page - Texas Instruments PCM1609APT Datasheet HTML 46Page - Texas Instruments PCM1609APT Datasheet HTML 47Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
0.25
GAGE PLANE
0 -7
7.2
6.8
7.2
6.8
9.2
8.8
4X 5.5
44X 0.5
9.2
8.8
48X
0.27
0.17
1.6 MAX
0.05 MIN
1.45
1.35
0.75
0.45
LQFP - 1.6 mm max height
PT0048A
LOW PROFILE QUAD FLATPACK
4215159/B 11/2023
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration MS-026.
4. This may also be a thermally enhanced plastic package with leads conected to the die pads.
0.08
C A B
SEATING PLANE
SEE DETAIL A
A15.000
DETAIL A
SCALE 2.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47