전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2801 데이터시트(PDF) 2 Page - Sealevel Systems, Inc.

부품명 2801
상세설명  USB to 8-Port RS-232 DB9 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEALEVEL [Sealevel Systems, Inc.]
홈페이지  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2801 데이터시트(HTML) 2 Page - Sealevel Systems, Inc.

  2801 Datasheet HTML 1Page - Sealevel Systems, Inc. 2801 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
USB to 8-Port RS-232 DB9 Serial Interface Adapter
Part: 2801 | Model: SeaLINK+8/232
Features
• Compliant with RoHS and WEEE directives
• High-speed UART with 128-byte Tx FIFO and 384-byte Rx FIFO
• Data rates to 460.8K bps
• All modem control signals implemented
• Serial and USB activity LEDs
• Hot-swappable
• Powered by USB connection
• Sealevel’s SeaLATCH locking USB port provides secure connection with
SeaLATCH USB cables via metal thumbscrews
• Sealevel software supports Windows and Linux operating systems
• DB-9M connectors
• Includes 6′ USB type A to SeaLATCH USB type B device cable (Item#
CA356)
sealevel.com
+1 864.843.4343
SL9460 E22
Specifications
Family
SeaLINK
Communications Chip
USB/UART
Dimensions
8.7” (L) x 6.1” (W) x 2.0” (H)
Electrical Interface
RS-232
High Retention USB
Yes
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
USB
Max Data Distance
50 feet
Max Data Rate
460.8K bps
Operating Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
8
Power Requirement
+5V @ 500mA
RoHS Compliant
Yes
SeaLATCH Locking
USB
Yes
Serial Connector(s)
DB9M
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
USB Powered
Yes
USB Specification
1.1 Compliant 2.0 Compatible



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com