전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1738E/2K 데이터시트(PDF) 24 Page - Texas Instruments

부품명 PCM1738E/2K
상세설명  24-Bit, 192-kHz Sampling, Advanced Segment, Audio-Stereo Digital-to-Analog Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1738E/2K 데이터시트(HTML) 24 Page - Texas Instruments

Back Button PCM1738E/2K Datasheet HTML 20Page - Texas Instruments PCM1738E/2K Datasheet HTML 21Page - Texas Instruments PCM1738E/2K Datasheet HTML 22Page - Texas Instruments PCM1738E/2K Datasheet HTML 23Page - Texas Instruments PCM1738E/2K Datasheet HTML 24Page - Texas Instruments PCM1738E/2K Datasheet HTML 25Page - Texas Instruments PCM1738E/2K Datasheet HTML 26Page - Texas Instruments PCM1738E/2K Datasheet HTML 27Page - Texas Instruments PCM1738E/2K Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
www.ti.com
PCM1738
SBAS174C – FEBRUARY 2002 – REVISED FEBRUARY 2007
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 18
W/R
0
0
1
0
0
1
0
ATLD
FMT2
FMT1
FMT0
DMF1
DMF0
DME
MUTE
W/R
Read/Write Mode Control
When W/R = 0, a write operation is performed.
When W/R = 1, a read operation is performed.
Default value: 0
ATLD
Attenuation Load Control
This bit is read/write.
Default value: 0
ATLD = 0
Attenuation control disabled (default)
ATLD = 1
Attenuation control enabled
The ATLD bit is used to enable loading of attenuation data set by registers 16 through 17. When
ATLD = 0, the attenuation settings remain at the previously programmed level, ignoring new data
loaded to registers 16 through 17. When ATLD = 1, attenuation data written to registers 16 through
17 is loaded normally.
FMT[2:0] Audio Interface Data Format
These bits are read/write.
Default value: 000
FMT[2:0]
Audio Data Format Selection
000
16-bit, standard-format, right-justified data (default)
001
20-bit, standard-format, right-justified data
010
24-bit, standard-format, right-justified data
011
24-bit, MSB-first, left-justified format data
100
16-bit, I2S-format data
101
24-bit, I2S-format data
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface.
For external digital-filter interface mode (DFTH mode), this register is operated as shown in the
Application for External Digital Filter Interface section of this data sheet.
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47