전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM4202DB 데이터시트(PDF) 14 Page - Texas Instruments

부품명 PCM4202DB
상세설명  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB 데이터시트(HTML) 14 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 10Page - Texas Instruments PCM4202DB Datasheet HTML 11Page - Texas Instruments PCM4202DB Datasheet HTML 12Page - Texas Instruments PCM4202DB Datasheet HTML 13Page - Texas Instruments PCM4202DB Datasheet HTML 14Page - Texas Instruments PCM4202DB Datasheet HTML 15Page - Texas Instruments PCM4202DB Datasheet HTML 16Page - Texas Instruments PCM4202DB Datasheet HTML 17Page - Texas Instruments PCM4202DB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
14
SCKI
t
SCKI
t
SCKIH
t
SCKIL
PARAMETER
DESCRIPTION
MIN
MAX
UNITS
System Clock Period
26
ns
t SCKIH
System Clock High Pulse Time
12
ns
tSCKIL
System Clock Low Pulse Time
12
ns
t SCKI
Figure 2. System Clock Timing Requirements
SAMPLING MODES
The PCM4202 may be operated in one of three PCM
sampling modes, or at one of two DSD output data rates.
The PCM sampling modes are referred to as Single Rate,
Dual Rate, and Quad Rate.
Single Rate mode is utilized for sampling rates up to
54kHz. The delta-sigma modulator oversamples the
analog input signal by a rate equal to 128 times the desired
output sampling rate.
Dual Rate mode is utilized for sampling rates higher than
54kHz and up to 108kHz. The delta-sigma modulator
oversamples the analog input signal by a rate equal to 64
times the desired output sampling rate.
Quad Rate mode is utilized for sampling frequencies
higher than 108kHz and up to 216kHz. The delta-sigma
modulator oversamples the analog input signal by a rate
equal to 32 times the desired output sampling rate.
For DSD output data, the user may select either 64fS or
128fS oversampled data rates, where fS is the base
sampling rate, which is 44.1kHz for Super Audio CD
(SACD) applications. The 64fS data rate is analogous to
the Dual Rate PCM sampling mode, where the analog
input signal is oversampled by a rate equal to 64 times the
base sampling rate. The 128fS data rate corresponds to
the Single Rate PCM sampling mode, where the analog
input signal is oversampled by a rate equal to 128 times the
base sampling rate.
Table 1 indicates the sampling mode utilized for common
system clock and sampling rate combinations. The FS0
(pin 9), FS1 (pin 10), and FS2 (pin 11) inputs are utilized
to select the sampling mode for the PCM4202. If the state
of the sampling mode pins is changed any time after
power-up reset initialization, the user should issue an
external forced reset to re-initialize the PCM4202. Table 2,
Table 3, and Table 4 indicate the sampling mode
selections for PCM Master and Slave mode operation, as
well as the DSD Output mode.
Table 2. Sampling Mode Selection for PCM
Master Mode Operation
FS2
FS1
FS0
SAMPLING MODE WITH
SYSTEM CLOCK RATE
0
0
0
Single Rate with fSCKI = 768fS
0
0
1
Single Rate with fSCKI = 512fS
0
1
0
Single Rate with fSCKI = 384fS
0
1
1
Single Rate with fSCKI = 256fS
1
0
0
Dual Rate with fSCKI = 384fS
1
0
1
Dual Rate with fSCKI = 256fS
1
1
0
Quad Rate with fSCKI = 192fS
1
1
1
Quad Rate with fSCKI = 128fS
Table 3. Sampling Mode Selection for PCM Slave
Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
Single Rate with Clock Auto-Detection
0
0
1
Dual Rate with Clock Auto-Detection
0
1
0
Quad Rate with Clock Auto-Detection
0
1
1
Reserved
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com