| 전자부품 데이터시트 검색엔진 |
|
STDRIVE102BHTR 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE102BHTR 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 56 page ![]() 4 Pin description 4.1 STDRIVE102BH pin description Figure 3. STDRIVE102BH pin description SLS1 GLS1 OUT1 GHS1 SLS2 GLS2 OUT2 GHS2 SLS3 GLS3 OUT3 GHS3 C_IN3 OA_O2 OA_IN2N OA_IN2P C_IN2 OA_O1 OA_IN1N OA_IN1P C_IN1 IGATE TCC AGND EPAD (GND) 1 12 25 36 Table 7. STDRIVE102BH pin list Pin N. Name Type Function 1 TCC Analog In Analog input setting the constant-current time (refer to Section 5.2.1). 2 IGATE Analog In Analog input setting the gate drivers current (refer to Section 5.2.1). 3 C_IN1 Analog In Non-inverting input of the comparator 1. 4 C_IN2 Analog In Non-inverting input of the comparator 2. 5 C_IN3 Analog In Non-inverting input of the comparator 3. 6 OA_O1 Analog Out Output of the op amp 1. 7 OA_IN1N Analog In Inverting input of the op amp 1. 8 OA_IN1P Analog In Non-inverting input of the op amp 1. 9 OA_O2 Analog Out Output of the op amp 2. 10 OA_IN2N Analog In Inverting input of the op amp 2. 11 OA_IN2P Analog In Non-inverting input of the op amp 2. 12 AGND Power Analog ground of the device. Connect this pin to EPAD or a suitable reference GND point. 13 OA_O3 Analog Out Output of the op amp 3. 14 OA_IN3N Analog In Inverting input of the op amp 3. 15 OA_IN3P Analog In Non-inverting input of the op amp 3. STDRIVE102BH, STDRIVE102H Pin description DS14545 - Rev 1 page 11/56 |