전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

REF102AU/2K5.A 데이터시트(PDF) 13 Page - Texas Instruments

부품명 REF102AU/2K5.A
상세설명  10V Precision Voltage Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

REF102AU/2K5.A 데이터시트(HTML) 13 Page - Texas Instruments

Back Button REF102AU/2K5.A Datasheet HTML 9Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 10Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 11Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 12Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 13Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 14Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 15Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 16Page - Texas Instruments REF102AU/2K5.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF102AU/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
REF102CU/2K5
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19