전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCHRACK MSR/T75 데이터시트(PDF) 8 Page - TE Connectivity Ltd

부품명 SCHRACK MSR/T75
상세설명  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK MSR/T75 데이터시트(HTML) 8 Page - TE Connectivity Ltd

Back Button SCHRACK MSR/T75 Datasheet HTML 4Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 5Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 6Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 7Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 8Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 9Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 10Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 11Page - TE Connectivity Ltd SCHRACK MSR/T75 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
S0418-CM
16A, pinning 5mm
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
SCHRACK RTX
Inrush peak currents up to 370A
Bistable coil
Reinforced insulation
16A rated fluorescent load acc.
EN60669-1
8A electronic ballast acc. UL508
1 1/2 HP motor load acc. UL508
SCHRACK RT iPOWER
High Inrush peak currents up to 165A
(20ms) and 800A (200
µs)
Mono-or bistable coil
RTS3T: 5A Electronic ballast acc. UL508
RTSET: 8A Electronic ballast acc. UL508
Test tab (manual operator) optional for
RTT3T bistable versions
SCHRACK RP3SL
Inrush peak currents up to
120A (20ms)
Mono-or bistable coil
Sealed version available
Applications
Lighting control systems
Motion sensors
Home automation applications
LED lighting systems, Lighting
control, Movement detectors
Filament and incandescent lamp
Motor control
Lighting control
Motor control
Building automation
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 from A (NO)
250VAC
16A
4000VA
W (pre-make contact) + AgSnO
2
1) see footnote below
1 from A (NO)
250VAC
16A
4000VA
W (pre-make contact) + AgSnO
2
AgSnO
2
1) see footnote below
1 form A, 1 NO
250VAC
16A
4000VA
AgSnO
2
100mA at 12VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
Bistable
5 to 48VDC
650mW/665mW
DC, bistable
5 to 11VDC
400mW
DC
6 to 110VDC
500mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1250Vrms
5000Vrms
min. 6/6mm
1250Vrms
5000Vrms
10/10mm
2000Vrms
4000Vrms
8/8mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+70°C
RTII
THT
PCB
29.1x12.7x16mm
RTS3L/RTS3T +105°C, RTSET +85°C
RTII
THT
PCB
29x12.7x15.7mm (RTS3T),
29x12.7x16.0mm (RTS3L)
+70°C
RTII, RTIII
THT
PCB
29x12.6x25.5mm
Accessories
Link to datasheet
SCHRACK RTX
SCHRACK RT IPOWER
SCHRACK RP3SL
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com