전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM53C96 데이터시트(PDF) 7 Page - Advanced Micro Devices

부품명 AM53C96
상세설명  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96 데이터시트(HTML) 7 Page - Advanced Micro Devices

Back Button AM53C96 Datasheet HTML 3Page - Advanced Micro Devices AM53C96 Datasheet HTML 4Page - Advanced Micro Devices AM53C96 Datasheet HTML 5Page - Advanced Micro Devices AM53C96 Datasheet HTML 6Page - Advanced Micro Devices AM53C96 Datasheet HTML 7Page - Advanced Micro Devices AM53C96 Datasheet HTML 8Page - Advanced Micro Devices AM53C96 Datasheet HTML 9Page - Advanced Micro Devices AM53C96 Datasheet HTML 10Page - Advanced Micro Devices AM53C96 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
P R E L I M I N A R Y
AMD
7
Am53C94/Am53C96
LOGIC SYMBOL
SDCP
BUSMD1–0
*
DFMODE
INT
CS
WR
RD
Am53C94/96
SD7–0
SDP
BSYC
MSG
C/D
I/O
ATN
SELC
RSTC
REQC
ACKC
SDC7–0
BSY
SEL
RST
REQ
ACK
*ISEL
*TSEL
DMA15–0
DMAP1–0
DREQ
BHE [A1]
AS0 [A0]
ALE [A3]
AD7–0
DMARD [A2]
DACK
DMAWR
CLK
RESET
Note:
*Pins available on the Am53C96 only.
16506C-10
RELATED AMD PRODUCTS
Part Number
Description
85C30
Enhanced Serial Communcaiton
Controller
26LSXX
Line Drivers/Receivers
33C93A
Enhanced CMOS SCSI Bus
Interface Controller
80C186
Highly Integrated 16-Bit
Microprocessor
80C286
High-Performance 16-Bit
80286
Microprocessor
Part Number
Description
Am386
TM
High-Performance 32-Bit
Microprocessor
80188
Highly Integrated 8-Bit Microprocessor
53C80A
SCSI Bus Controller
85C80
Combination 53C80A SCSI and
85C30 ESCC
53C94LV
Low Voltage, High Performance
SCSI Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63