전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ETQP4M2R2KVC 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 ETQP4M2R2KVC
상세설명  Power Choke Coil (Automotive Grade)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ETQP4M2R2KVC 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  ETQP4M2R2KVC Datasheet HTML 1Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 2Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 3Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 4Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 5Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 6Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 7Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 8Page - Panasonic Semiconductor ETQP4M2R2KVC Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Power Choke Coil (Automotive Grade)
1. PCC-M0530M-LP series (ETQP3M
□□□KVP)
*1: Measured at 100 kHz
*2: The proved current value for making the overall temperature rise of 40K, when mounted on a multi-layer board with
high-heat dissipation (heat dissipation constant 5.5 x 5.0 x 3.0 mm : approx. 51 K/W).
*3: The proved current value for making the overall temperature rise of 40K, when mounted on a 4-layer circuit board of
FR4 t=1.6 mm and DC current is applied.
*4: Saturation rated current : DC current which causes L(0) drop –30 %.
*5: The solderability is guaranteed for 1 year only. The product out of expiration date shall not be used
.
◆ Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions. This
should be double checked in a worst case operation mode. In normal case, the max.standard operating temperature of +155°C
should not be exceeded. For higher operating temperature conditions, please contact Panasonic representative in your area.
● Inductance vs DC Current
11.6 (9.6)
17.9
1
5.8 (6.38)
ETQP3MR47KVP
0.47
Standard parts
Performance characteristics (Reference
①-1)
0.33
4.85 (5.34)
Rated current (A) Typ.
△T= 40 K*2
(
 )*3
△L= –30 %*4
2.9 (2.4)
4.2
3.5 (2.9)
6.1
4.1(3.4)
6.7
5.4 (4.4)
8.0
6.3 (5.2)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
30-Jun-22
0.68
7.6 (8.36)
PCC-M0530M-LP
[5.5×5.0×3.0]
27.3 (30.03)
2.2
20.0 (22.00)
1.5
1
1
10.2 (8.4)
15.9
12.7 (10.6)
Part No.
Inductance*1
DCR (at 20
℃)
(
mΩ)
65.7 (72.27)
10.0
±20
96.0 (105.60)
12.0 (13.20)
ETQP3MR68KVP
ETQP3MR33KVP
±10
4.7
45.6 (50.16)
3.3
1
MSL
level
Series
[Size (mm)]
L0
(μH)
Tolerance
(%)
Typ. (max.)
Tolerance
(%)
*5
6.8
12.0
9.0 (7.5)
14.1
10.1
8.1 (6.7)
21.8
ETQP3M100KVP
1
ETQP3M6R8KVP
1
ETQP3M4R7KVP
1
ETQP3M3R3KVP
1
ETQP3M2R2KVP
1
ETQP3M1R5KVP
1
ETQP3M1R0KVP
1.0
9.6 (10.56)
[ ETQP3M100KVP ]
DC Bias (A)
0
2
6
4
8
0
4
8
12
[ ETQP3M3R3KVP ]
[ ETQP3M1R0KVP ]
DC Bias (A)
DC Bias (A)
0
1.0
3.0
0
4
12
8
16
0
10
20
0
0.4
0.8
1.2
2.0
[ ETQP3M6R8KVP ]
DC Bias (A)
[ ETQP3M2R2KVP ]
[ ETQP3MR68KVP ]
DC Bias (A)
DC Bias (A)
[ ETQP3M4R7KVP ]
DC Bias (A)
[ ETQP3M1R5KVP ]
[ ETQP3MR47KVP ]
DC Bias (A)
DC Bias (A)
0
2
6
4
8
0
4
8
2
0
2
6
4
12
0
4
3
5
6
10
1
2
8
10
0
1.0
2.5
0
4
12
8
16
2.0
0
1.0
1.5
0
4
12
8
16
2.0
1.5
0.5
0.5
20
0
10
20
0
0.4
0.8
0.6
0.2
30
0
0.2
0.3
0.4
0
10
30
20
40
0.1
0.5
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com