전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM7710 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 STM7710
상세설명  Single-chip, low-cost HD set-top box decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7710 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button STM7710 Datasheet HTML 15Page - STMicroelectronics STM7710 Datasheet HTML 16Page - STMicroelectronics STM7710 Datasheet HTML 17Page - STMicroelectronics STM7710 Datasheet HTML 18Page - STMicroelectronics STM7710 Datasheet HTML 19Page - STMicroelectronics STM7710 Datasheet HTML 20Page - STMicroelectronics STM7710 Datasheet HTML 21Page - STMicroelectronics STM7710 Datasheet HTML 22Page - STMicroelectronics STM7710 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STM7710
Architecture
21/23
2.17
Clock generation
All system clocks are generated on chip using the clock generator module.
VCXO functionality has been integrated using a special purpose frequency synthesizer,
removing the need for an external varactor diode or VCXO module. However support for an
external VCXO module is also available.
A bank of digital frequency synthesizers is also provided for specific precise clock
generation purposes, including generation of a low jitter PCM audio clock, a smartcard
clock, and an external auxiliary clock.
2.18
System services
The STM7710 supports several on chip system service functions including:
●
Reset control,
●
Watchdog control and reset out,
●
Low-power control with wake up from internal timer or external interrupt or IR blaster,
●
Real-time clock,
●
JTAG boundary scan,
●
Diagnostic control / support for DCU toolset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23