| 전자부품 데이터시트 검색엔진 |
|
PIC18LF2X/4X/6XK40 데이터시트(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF2X/4X/6XK40 데이터시트(HTML) 9 Page - Microchip Technology |
|
9 / 17 page ![]() RC1 12 9 — — — — CCP2(1) — — IOCC1 — — — — Y SOSCIN SOSCI RC2 13 10 AN14 — — T5CKI(1) CCP1(1) — — IOCC2 — — — — Y — RC3 14 11 AN15 — — T2AIN(1) — — — IOCC3 — — SSP1CLK(1,3) — Y — RC4 15 12 AN16 — — — — — — IOCC4 — — SSP1DAT(1,3) — Y — RC5 16 13 AN17 — — T4AIN(1) — — — IOCC5 — — — — Y — RC6 17 14 AN18 — — — — — — IOCC6 TX/CK(1) — — — Y — RC7 18 15 AN19 — — — — — — IOCC7 RX/DT(1) — — — Y — RE3 1 26 — — — — — — — IOCE3 — — — — Y MCLR VSS 19 16 — — — — — — — — — — — — — VSS AVDD 20 17 — — — — — — — — — — — — — AVDD AVSS 8 5 — — — — — — — — — — — — — AVSS TABLE 3: 28-PIN ALLOCATION TABLE (PIC18(L)F2XK40) (CONTINUED) I/O(2) Note 1: Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. 2: All pin outputs default to PORT latch data. Any pin can be selected as a peripheral digital output with the PPS output selection registers. 3: These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections. |