| 전자부품 데이터시트 검색엔진 |
|
STM32F412CEH7PTR 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412CEH7PTR 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 201 page ![]() DocID028087 Rev 7 77/201 STM32F412xE/G Memory mapping 77 APB1 0x4000 7000 - 0x4000 73FF PWR 0x4000 6C00 - 0x4000 6FFF Reserved 0x4000 6800- 0x4000 6BFF CAN2 0x4000 6400- 0x4000 67FF CAN1 0x4000 6000- 0x4000 63FF I2CFMP1 0x4000 5C00 - 0x4000 5FFF I2C3 0x4000 5800 - 0x4000 5BFF I2C2 0x4000 5400 - 0x4000 57FF I2C1 0x4000 4C00 - 0x4000 53FF Reserved 0x4000 4800 - 0x4000 4BFF USART3 0x4000 4400 - 0x4000 47FF USART2 0x4000 4000 - 0x4000 43FF I2S3ext 0x4000 3C00 - 0x4000 3FFF SPI3 / I2S3 0x4000 3800 - 0x4000 3BFF SPI2 / I2S2 0x4000 3400 - 0x4000 37FF I2S2ext 0x4000 3000 - 0x4000 33FF IWDG 0x4000 2C00 - 0x4000 2FFF WWDG 0x4000 2800 - 0x4000 2BFF RTC & BKP Registers 0x4000 2400 - 0x4000 27FF Reserved 0x4000 2000 - 0x4000 23FF TIM14 0x4000 1C00 - 0x4000 1FFF TIM13 0x4000 1800 - 0x4000 1BFF TIM12 0x4000 1400 - 0x4000 17FF TIM7 0x4000 1000 - 0x4000 13FF TIM6 0x4000 0C00 - 0x4000 0FFF TIM5 0x4000 0800 - 0x4000 0BFF TIM4 0x4000 0400 - 0x4000 07FF TIM3 0x4000 0000 - 0x4000 03FF TIM2 Table 12. STM32F412xE/G register boundary addresses (continued) Bus Boundary address Peripheral |