전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412RGJ3PTR 데이터시트(PDF) 76 Page - STMicroelectronics

부품명 STM32F412RGJ3PTR
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGJ3PTR 데이터시트(HTML) 76 Page - STMicroelectronics

Back Button STM32F412RGJ3PTR Datasheet HTML 72Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 73Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 74Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 75Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 76Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 77Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 78Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 79Page - STMicroelectronics STM32F412RGJ3PTR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 201 page
background image
Memory mapping
STM32F412xE/G
76/201
DocID028087 Rev 7
APB2
0x4001 6400- 0x4001 FFFF
Reserved
0x4001 6000 - 0x4001 63FF
DFSDM1
0x4001 5400 - 0x4001 5FFF
Reserved
0x4001 5000 - 0x4001 53FF
SPI5/I2S5
0x4001 4800 - 0x4001 4BFF
TIM11
0x4001 4400 - 0x4001 47FF
TIM10
0x4001 4000 - 0x4001 43FF
TIM9
0x4001 3C00 - 0x4001 3FFF
EXTI
0x4001 3800 - 0x4001 3BFF
SYSCFG
0x4001 3400 - 0x4001 37FF
SPI4/I2S4
0x4001 3000 - 0x4001 33FF
SPI1/I2S1
0x4001 2C00 - 0x4001 2FFF
SDIO
0x4001 2400 - 0x4001 2BFF
Reserved
0x4001 2000 - 0x4001 23FF
ADC1
0x4001 1800 - 0x4001 1FFF
Reserved
0x4001 1400 - 0x4001 17FF
USART6
0x4001 1000 - 0x4001 13FF
USART1
0x4001 0800 - 0x4001 0FFF
Reserved
0x4001 0400 - 0x4001 07FF
TIM8
0x4001 0000 - 0x4001 03FF
TIM1
0x4000 7400 - 0x4000 FFFF
Reserved
Table 12. STM32F412xE/G register boundary addresses (continued)
Bus
Boundary address
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More