전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL1014IFT 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 TSL1014IFT
상세설명  14 1 channel buffer for TFT-LCD panels
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014IFT 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button TSL1014IFT Datasheet HTML 7Page - STMicroelectronics TSL1014IFT Datasheet HTML 8Page - STMicroelectronics TSL1014IFT Datasheet HTML 9Page - STMicroelectronics TSL1014IFT Datasheet HTML 10Page - STMicroelectronics TSL1014IFT Datasheet HTML 11Page - STMicroelectronics TSL1014IFT Datasheet HTML 12Page - STMicroelectronics TSL1014IFT Datasheet HTML 13Page - STMicroelectronics TSL1014IFT Datasheet HTML 14Page - STMicroelectronics TSL1014IFT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
TSL1014
12/15
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15