전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412CEU3PTR 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 STM32F412CEU3PTR
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEU3PTR 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button STM32F412CEU3PTR Datasheet HTML 65Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 66Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 67Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 68Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 69Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 70Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 71Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 72Page - STMicroelectronics STM32F412CEU3PTR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 201 page
background image
PC0
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC1
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC2
-
-
-
-
-
SPI2_MISO
I2S2ext_SD
-
DFSDM1_
CKOUT
-
-
FSMC_NWE
EVENTOUT
PC3
-
-
-
-
-
SPI2_MOSI/I
2S2_SD
-
-
-
-
-
FSMC_A0
EVENTOUT
PC4
-
-
-
-
-
I2S1_MCK
-
-
-
-
QUADSPI_
BK2_IO2
FSMC_NE4
EVENTOUT
PC5
-
-
-
-
I2CFMP1_
SMBA
-
-
USART3_RX
-
-
QUADSPI_
BK2_IO3
FSMC_NOE
EVENTOUT
PC6
-
-
TIM3_CH1
TIM8_CH1
I2CFMP1_
SCL
I2S2_MCK
DFSDM1_
CKIN3
-
USART6_
TX
-
FSMC_D1
SDIO_D6
EVENTOUT
PC7
-
-
TIM3_CH2
TIM8_CH2
I2CFMP1_
SDA
SPI2_SCK/
I2S2_CK
I2S3_MCK
-
USART6_
RX
-
DFSDM1_
DATIN3
SDIO_D7
EVENTOUT
PC8
-
-
TIM3_CH3
TIM8_CH3
-
-
-
-
USART6_
CK
QUADSPI_
BK1_IO2
-
SDIO_D0
EVENTOUT
PC9
MCO_2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S2_CKIN
-
-
-
QUADSPI_
BK1_IO0
-
SDIO_D1
EVENTOUT
PC10
-
-
-
-
-
-
SPI3_SCK/
I2S3_CK
USART3_TX
-
QUADSPI_
BK1_IO1
-
SDIO_D2
EVENTOUT
PC11
-
-
-
-
-
I2S3ext_SD
SPI3_MISO
USART3_RX
-
QUADSPI_
BK2_NCS
FSMC_D2
SDIO_D3
EVENTOUT
PC12
-
-
-
-
-
-
SPI3_MOSI/
I2S3_SD
USART3_CK
-
-
FSMC_D3
SDIO_CK
EVENTOUT
PC13
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC14
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
PC15
-
-
-
-
-
-
-
-
-
-
-
-
EVENTOUT
Table 11. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More