| 전자부품 데이터시트 검색엔진 |
|
STM32F412CEH6TR 데이터시트(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412CEH6TR 데이터시트(HTML) 53 Page - STMicroelectronics |
|
53 / 201 page ![]() DocID028087 Rev 7 53/201 STM32F412xE/G Pinouts and pin description 73 13 17 F6 26 L3 M2 37 PA3 I/O FT - TIM2_CH4, TIM5_CH4, TIM9_CH2, I2S2_MCK, USART2_RX, FSMC_D5/FSMC_DA5, EVENTOUT ADC1_3 - 18 - 27 - G4 38 VSS S - - - - --- - E3 H5 - BYPASS_ REG IFT - - - -19 H7 28 - F4 39 VDD S - - - - 14 20 G6 29 M3 J3 40 PA4 I/O FT - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, DFSDM1_DATIN1, FSMC_D6/FSMC_DA6, EVENTOUT ADC1_4 15 21 F5 30 K4 K3 41 PA5 I/O FT - TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, DFSDM1_CKIN1, FSMC_D7/FSMC_DA7, EVENTOUT ADC1_5 16 22 H6 31 L4 L3 42 PA6 I/O FT - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, I2S2_MCK, TIM13_CH1, QUADSPI_BK2_IO0, SDIO_CMD, EVENTOUT ADC1_6 17 23 E5 32 M4 M3 43 PA7 I/O FT - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, TIM14_CH1, QUADSPI_BK2_IO1, EVENTOUT ADC1_7 -24 E4 33 K5 J4 44 PC4 I/O FT - I2S1_MCK, QUADSPI_BK2_IO2, FSMC_NE4, EVENTOUT ADC1_14 Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |