| 전자부품 데이터시트 검색엔진 |
|
STM32F412CEH3TR 데이터시트(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412CEH3TR 데이터시트(HTML) 76 Page - STMicroelectronics |
|
76 / 201 page ![]() Memory mapping STM32F412xE/G 76/201 DocID028087 Rev 7 APB2 0x4001 6400- 0x4001 FFFF Reserved 0x4001 6000 - 0x4001 63FF DFSDM1 0x4001 5400 - 0x4001 5FFF Reserved 0x4001 5000 - 0x4001 53FF SPI5/I2S5 0x4001 4800 - 0x4001 4BFF TIM11 0x4001 4400 - 0x4001 47FF TIM10 0x4001 4000 - 0x4001 43FF TIM9 0x4001 3C00 - 0x4001 3FFF EXTI 0x4001 3800 - 0x4001 3BFF SYSCFG 0x4001 3400 - 0x4001 37FF SPI4/I2S4 0x4001 3000 - 0x4001 33FF SPI1/I2S1 0x4001 2C00 - 0x4001 2FFF SDIO 0x4001 2400 - 0x4001 2BFF Reserved 0x4001 2000 - 0x4001 23FF ADC1 0x4001 1800 - 0x4001 1FFF Reserved 0x4001 1400 - 0x4001 17FF USART6 0x4001 1000 - 0x4001 13FF USART1 0x4001 0800 - 0x4001 0FFF Reserved 0x4001 0400 - 0x4001 07FF TIM8 0x4001 0000 - 0x4001 03FF TIM1 0x4000 7400 - 0x4000 FFFF Reserved Table 12. STM32F412xE/G register boundary addresses (continued) Bus Boundary address Peripheral |