전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412RGJ3TR 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F412RGJ3TR
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGJ3TR 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F412RGJ3TR Datasheet HTML 63Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 64Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 65Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 66Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 67Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 68Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 69Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 70Page - STMicroelectronics STM32F412RGJ3TR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 201 page
background image
Table 11. STM32F412xE/G alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF
PA0
-
TIM2_CH1/
TIM2_ETR
TIM5_CH1
TIM8_ETR
-
-
-
USART2_CTS
-
-
-
-
EVENTOUT
PA1
-
TIM2_CH2
TIM5_CH2
-
-
SPI4_MOSI/I
2S4_SD
-
USART2_RTS
-
QUADSPI_
BK1_IO3
-
-
EVENTOUT
PA2
-
TIM2_CH3
TIM5_CH3
TIM9_CH1
-
I2S2_CKIN
-
USART2_TX
-
-
-
FSMC_D4
EVENTOUT
PA3
-
TIM2_CH4
TIM5_CH4
TIM9_CH2
-
I2S2_MCK
-
USART2_RX
-
-
-
FSMC_D5
EVENTOUT
PA4
-
-
-
-
-
SPI1_NSS/I2
S1_WS
SPI3_NSS/
I2S3_WS
USART2_CK
DFSDM1_
DATIN1
-
-
FSMC_D6
EVENTOUT
PA5
-
TIM2_CH1/
TIM2_ETR
-
TIM8_CH1N
-
SPI1_SCK/
I2S1_CK
--
DFSDM1_
CKIN1
-
-
FSMC_D7
EVENTOUT
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO
I2S2_MCK
-
-
TIM13_
CH1
QUADSPI_
BK2_IO0
SDIO_CMD
EVENTOUT
PA7
-
TIM1_CH1N
TIM3_CH2
TIM8_CH1N
-
SPI1_MOSI/I
2S1_SD
--
-
TIM14_
CH1
QUADSPI_
BK2_IO1
-EVENTOUT
PA8
MCO_1
TIM1_CH1
-
-
I2C3_SCL
-
-
USART1_CK
-
-
USB_FS_
SOF
SDIO_D1
EVENTOUT
PA9
-
TIM1_CH2
-
-
I2C3_
SMBA
-
-
USART1_TX
-
-
USB_FS_
VBUS
SDIO_D2
EVENTOUT
PA10
-
TIM1_CH3
-
-
-
-
SPI5_MOSI/
I2S5_SD
USART1_RX
-
-
USB_FS_ID
-
EVENTOUT
PA11
-
TIM1_CH4
-
-
-
-
SPI4_MISO
USART1_CTS
USART6_
TX
CAN1_RX
USB_FS_DM
-
EVENTOUT
PA12
-
TIM1_ETR
-
-
-
-
SPI5_MISO
USART1_RTS
USART6_
RX
CAN1_TX
USB_FS_DP
-
EVENTOUT
PA13
JTMS-
SWDIO
--
-
-
-
-
-
-
-
-
-
EVENTOUT
PA14
JTCK-
SWCLK
--
-
-
-
-
-
-
-
-
-
EVENTOUT
PA15
JTDI
TIM2_CH1/
TIM2_ETR
--
-
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
USART1_TX
-
-
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More