| 전자부품 데이터시트 검색엔진 |
|
STM32F412REH7P 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412REH7P 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 201 page ![]() Pinouts and pin description STM32F412xE/G 52/201 DocID028087 Rev 7 - 8 D5 15 H1 H1 26 PC0 I/O FT - EVENTOUT ADC1_10, WKUP2 - 9 F8 16 J2 H2 27 PC1 I/O FT - EVENTOUT ADC1_11, WKUP3 -10 E7 17 J3 H3 28 PC2 I/O FT - SPI2_MISO, I2S2ext_SD, DFSDM1_CKOUT, FSMC_NWE, EVENTOUT ADC1_12 -11 D6 18 K2 H4 29 PC3 I/O FT - SPI2_MOSI/I2S2_SD, FSMC_A0, EVENTOUT ADC1_13 - - - 19 - - 30 VDD S - - - - 812 G8 20 - - 31 VSSA/ VREF S- - - - - - - - J1 J1 - VSSA S - - - - --- - K1 K1 - VREF- S - - - - 913 F7 - - - - VDDA/ VREF+ S- - - - - - - 21 L1 L1 32 VREF+ S - - - - - - - 22 M1 M1 33 VDDA S - - - - 10 14 E6 23 L2 J2 34 PA0 I/O FT - TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, EVENTOUT ADC1_0, WKUP1 11 15 G7 24 M2 K2 35 PA1 I/O FT - TIM2_CH2, TIM5_CH2, SPI4_MOSI/I2S4_SD, USART2_RTS, QUADSPI_BK1_IO3, EVENTOUT ADC1_1 12 16 H8 25 K3 L2 36 PA2 I/O FT - TIM2_CH3, TIM5_CH3, TIM9_CH1, I2S2_CKIN, USART2_TX, FSMC_D4/FSMC_DA4, EVENTOUT ADC1_2 Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |