전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412REH7P 데이터시트(PDF) 104 Page - STMicroelectronics

부품명 STM32F412REH7P
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REH7P 데이터시트(HTML) 104 Page - STMicroelectronics

Back Button STM32F412REH7P Datasheet HTML 100Page - STMicroelectronics STM32F412REH7P Datasheet HTML 101Page - STMicroelectronics STM32F412REH7P Datasheet HTML 102Page - STMicroelectronics STM32F412REH7P Datasheet HTML 103Page - STMicroelectronics STM32F412REH7P Datasheet HTML 104Page - STMicroelectronics STM32F412REH7P Datasheet HTML 105Page - STMicroelectronics STM32F412REH7P Datasheet HTML 106Page - STMicroelectronics STM32F412REH7P Datasheet HTML 107Page - STMicroelectronics STM32F412REH7P Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 201 page
background image
Electrical characteristics
STM32F412xE/G
104/201
DocID028087 Rev 7
APB2
AHB-APB2 bridge
0.09
0.07
0.08
µA/MHz
TIM1
6.83
6.46
5.81
TIM8
6.63
6.29
5.63
USART1
3.31
3.11
2.80
USART6
3.21
3.02
2.73
ADC1
3.51
3.31
2.98
SDIO
3.74
3.51
3.17
SPI1
1.47
1.36
1.23
SPI4
1.56
1.45
1.31
SYSCFG
0.54
0.49
0.45
TIM9
3.09
2.92
2.63
TIM10
1.91
1.79
1.61
TIM11
1.93
1.81
1.64
SPI5
1.54
1.44
1.30
DFSDM1
4.25
4.02
3.61
Bus Matrix
3.23
3.06
2.73
1. N is the number of stream enable (1...8).
Table 37. Peripheral current consumption (continued)
Peripheral
IDD (Typ)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More