전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412CEU7P 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 STM32F412CEU7P
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412CEU7P 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button STM32F412CEU7P Datasheet HTML 46Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 47Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 48Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 49Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 50Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 51Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 52Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 53Page - STMicroelectronics STM32F412CEU7P Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
50/201
DocID028087 Rev 7
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 8. Legend/abbreviations used in the pinout table (continued)
Name
Abbreviation
Definition
Table 9. STM32F412xE/G pin definition
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions
-
-
-
1B2A3
1
PE2
I/O
FT
-
TRACECLK,
SPI4_SCK/I2S4_CK,
SPI5_SCK/I2S5_CK,
QUADSPI_BK1_IO2,
FSMC_A23,
EVENTOUT
-
-
-
-
2A1A2
2
PE3
I/O
FT
-
TRACED0, FSMC_A19,
EVENTOUT
-
-
-
-
3B1B2
3
PE4
I/O
FT
-
TRACED1,
SPI4_NSS/I2S4_WS,
SPI5_NSS/I2S5_WS,
DFSDM1_DATIN3,
FSMC_A20,
EVENTOUT
-
---
4
C2
B3
4
PE5
I/O
FT
-
TRACED2, TIM9_CH1,
SPI4_MISO,
SPI5_MISO,
DFSDM1_CKIN3,
FSMC_A21,
EVENTOUT
-
---
5
D2
B4
5
PE6
I/O
FT
-
TRACED3, TIM9_CH2,
SPI4_MOSI/I2S4_SD,
SPI5_MOSI/I2S5_SD,
FSMC_A22,
EVENTOUT
-
1
1
B7
6
E2
C2
6
VBAT
S
-
-
-
VBAT
2
2
B8
7
C1
A1
7
PC13
I/O
FT
(2)(3)
EVENTOUT
TAMP_1
33
C8
8
D1
B1
8
PC14-
OSC32_IN
I/O
FT
(2)(3)(4)
EVENTOUT
OSC32_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More