| 전자부품 데이터시트 검색엔진 |
|
STM32F412REJ3P 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412REJ3P 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 201 page ![]() Pinouts and pin description STM32F412xE/G 54/201 DocID028087 Rev 7 - 25 G5 34L5 K445 PC5 I/O FT - I2CFMP1_SMBA, USART3_RX, QUADSPI_BK2_IO3, FSMC_NOE, EVENTOUT ADC1_15 18 26 H5 35 M5 L4 46 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI5_SCK/I2S5_CK, EVENTOUT ADC1_8 19 27 F4 36 M6 M4 47 PB1 I/O FT - TIM1_CH3N, TIM3_CH4, TIM8_CH3N, SPI5_NSS/I2S5_WS, DFSDM1_DATIN0, QUADSPI_CLK, EVENTOUT ADC1_9 20 28 G4 37 L6 J5 48 PB2 I/O FT - DFSDM1_CKIN0, QUADSPI_CLK, EVENTOUT BOOT1 - - - - - M5 49 PF11 I/O FT - TIM8_ETR, EVENTOUT - - - - - - L5 50 PF12 I/O FT - TIM8_BKIN, FSMC_A6, EVENTOUT - --- - - - 51 VSS S - - - - --- - - G5 52 VDD S - - - - - - - - - K5 53 PF13 I/O FT - I2CFMP1_SMBA, FSMC_A7, EVENTOUT - --- - - M6 54 PF14 I/O FT - I2CFMP1_SCL, FSMC_A8, EVENTOUT - - - - - - L6 55 PF15 I/O FT - I2CFMP1_SDA, FSMC_A9, EVENTOUT - - - - - - K6 56 PG0 I/O FT - CAN1_RX, FSMC_A10, EVENTOUT - --- - - J6 57 PG1 I/O FT - CAN1_TX, FSMC_A11, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |