전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412VGH6 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 STM32F412VGH6
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGH6 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button STM32F412VGH6 Datasheet HTML 55Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 56Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 57Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 58Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 59Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 60Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 61Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 62Page - STMicroelectronics STM32F412VGH6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 201 page
background image
DocID028087 Rev 7
59/201
STM32F412xE/G
Pinouts and pin description
73
-
37 F1 63E12
G1296
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2CFMP1_SCL,
I2S2_MCK,
DFSDM1_CKIN3,
USART6_TX,
FSMC_D1/FSMC_DA1,
SDIO_D6, EVENTOUT
-
-38 E1 64
E11
F12
97
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2CFMP1_SDA,
SPI2_SCK/I2S2_CK,
I2S3_MCK,
USART6_RX,
DFSDM1_DATIN3,
SDIO_D7, EVENTOUT
-
-39 F3 65
E10
F11
98
PC8
I/O
FT
-
TIM3_CH3, TIM8_CH3,
USART6_CK,
QUADSPI_BK1_IO2,
SDIO_D0, EVENTOUT
-
-40 E2 66
D12
E11
99
PC9
I/O
FT
-
MCO_2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S2_CKIN,
QUADSPI_BK1_IO0,
SDIO_D1, EVENTOUT
-
29 41 E3 67
D11
E12 100
PA8
I/O
FT
-
MCO_1, TIM1_CH1,
I2C3_SCL,
USART1_CK,
USB_FS_SOF,
SDIO_D1, EVENTOUT
-
30 42 D1 68
D10
D12 101
PA9
I/O
FT
-
TIM1_CH2,
I2C3_SMBA,
USART1_TX,
USB_FS_VBUS,
SDIO_D2, EVENTOUT
-
31 43 D2 69
C12
D11 102
PA10
I/O
FT
-
TIM1_CH3,
SPI5_MOSI/I2S5_SD,
USART1_RX,
USB_FS_ID,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More