전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F412REH7 데이터시트(PDF) 56 Page - STMicroelectronics

부품명 STM32F412REH7
상세설명  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412REH7 데이터시트(HTML) 56 Page - STMicroelectronics

Back Button STM32F412REH7 Datasheet HTML 52Page - STMicroelectronics STM32F412REH7 Datasheet HTML 53Page - STMicroelectronics STM32F412REH7 Datasheet HTML 54Page - STMicroelectronics STM32F412REH7 Datasheet HTML 55Page - STMicroelectronics STM32F412REH7 Datasheet HTML 56Page - STMicroelectronics STM32F412REH7 Datasheet HTML 57Page - STMicroelectronics STM32F412REH7 Datasheet HTML 58Page - STMicroelectronics STM32F412REH7 Datasheet HTML 59Page - STMicroelectronics STM32F412REH7 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
56/201
DocID028087 Rev 7
---
46
M12
M8
68
PE15
I/O
FT
-
TIM1_BKIN,
FSMC_D12/FSMC_DA1
2, EVENTOUT
-
21 29 H4 47
L10
M9
69
PB10
I/O
FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
I2S3_MCK,
USART3_TX,
I2CFMP1_SCL,
SDIO_D7, EVENTOUT
-
-
-
-
-
K9
M10
70
PB11
I/O
FT
-
TIM2_CH4, I2C2_SDA,
I2S2_CKIN,
USART3_RX,
EVENTOUT
-
22 30 H3 48
L11
H7
71
VCAP_1
S
-
-
-
-
23 31 H2 49
F12
H6
-
VSS
S
-
-
-
-
24 32 H1 50
G12
G7
72
VDD
S
-
-
-
-
25 33 G3 51
L12
M11
73
PB12
I/O
FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
SPI4_NSS/I2S4_WS,
SPI3_SCK/I2S3_CK,
USART3_CK,
CAN2_RX,
DFSDM1_DATIN1,
FSMC_D13/FSMC_DA1
3, EVENTOUT
-
26 34 G2 52
K12
M12
74
PB13
I/O
FT
-
TIM1_CH1N,
I2CFMP1_SMBA,
SPI2_SCK/I2S2_CK,
SPI4_SCK/I2S4_CK,
USART3_CTS,
CAN2_TX,
DFSDM1_CKIN1,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More