전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

START X 데이터시트(PDF) 1 Page - PowerData Technologies Ltd

부품명 START X
상세설명  Modular under desk power & data products
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERDATATECHNOLOGIES [PowerData Technologies Ltd]
홈페이지  https://www.powerdatatec.com/
Logo POWERDATATECHNOLOGIES - PowerData Technologies Ltd

START X 데이터시트(HTML) 1 Page - PowerData Technologies Ltd

  START X Datasheet HTML 1Page - PowerData Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Under desk power and data units PowerData Technologies Ltd
Modular under desk power & data products
Model shown - Modular Power Unit MPP 4/1
•
Power Unit model - power & data
•
Modular power - low cost power only option
•
Individually fused power sockets
•
Switched options
•
Complies with BS6396: 2002
•
2, 3 or 4 port plastic body
•
Upgradeable - plug a 2-way into a 4-way
•
Wieland input/output
•
'Daisy chain' from one unit to another
The Modular power unit offers unrivalled competitiveness and the ability to plug one unit into another, for example a 2-
way could plug into a 4-way to make a 6-way product, while the Power unit offers modular flexibility that allows mixing
power with 6C data cut-outs.
Standard modular power options
MPP 2/0
MPP 2/2
MPP 3/0
MPP 3/1
MPP 4/0
MPP 4/1
MPP 4/4
2 UK power sockets
2 UK power sockets, two individual switches
3 UK power sockets
3 UK power sockets, one master switch
4 UK power sockets
4 UK power sockets, one master switch
4 UK power sockets, four individual switches
Standard Power Unit Options
POWER UNIT 1/2
POWER UNIT 1/3
POWER UNIT 2/2
POWER UNIT 0/4
1 UK power socket, 2 6C cut-outs
1 UK power sockets, 3 6C cut-outs
2 UK power sockets, 2 6C cut-outs
4 6C cut-outs
Data leads & Options
START 2
START 3
START 5
START 7
START X
DATA 3
DATA 5
DATA 7
MS
2 metre Wieland connector to 13A plug
3 metre Wieland connector to 13A plug
5 metre Wieland connector to 13A plug
7 metre Wieland connector to 13A plug
X metre Wieland connectorto 13A plug (State length)
3-metre Cat 5e
data
lead,
black
6CtoRJ45 plug
5-metre Cat 5e
data
lead,
black
6CtoRJ45 plug
7-metre Cat 5e
data
lead,
black
6CtoRJ45 plug
Master switch (Power Unit only)
Add D3, D5 or D7 to POD code for fitted option.


유사한 부품 번호 - START X

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
START-540 STMICROELECTRONICS-START-540 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START405 STMICROELECTRONICS-START405 Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START405TR STMICROELECTRONICS-START405TR Datasheet
70Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START420 STMICROELECTRONICS-START420 Datasheet
69Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
START420TR STMICROELECTRONICS-START420TR Datasheet
69Kb / 7P
NPN Silicon RF Transistor
03-Jul-2002
More results

유사한 설명 - START X

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
IMX28CEC FREESCALE-IMX28CEC Datasheet
665Kb / 70P
Processors Data Sheet for Consumer Products
logo
Shenzhen Luguang Electr...
MUR1520 LUGUANG-MUR1520 Datasheet
118Kb / 4P
High Power Products
logo
Fairchild Semiconductor
FAN6863WTY FAIRCHILD-FAN6863WTY Datasheet
1Mb / 16P
Low Standby Power: Under 0.1W
logo
Total Power Internation...
TPSPU31 TOTAL-POWER-TPSPU31 Datasheet
287Kb / 2P
30W Desk Top I.T.E. Power Supplies
logo
Integrated Silicon Solu...
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
Power supply under?릚oltage detection
logo
Anshan Suly Electronics
2CL2FF-2FM ANSHAN-2CL2FF-2FM Datasheet
314Kb / 2P
Products data sheet
logo
Keysight Technologies
U2781A KEYSIGHT-U2781A Datasheet
7Mb / 76P
USB Modular Products
U2802A KEYSIGHT-U2802A Datasheet
7Mb / 76P
USB Modular Products
logo
Tripp Lite. All Rights ...
DCPUSWIV TRIPPLITE-DCPUSWIV Datasheet
170Kb / 2P
Under-Desk CPU Mount for Computer Towers - Width and Height Adjustable, 180-Degree Swivel, Black
DMUDSC TRIPPLITE-DMUDSC Datasheet
167Kb / 2P
Under-Desk Clamp-On Storage Tray with Built-In Mouse Pad and Wrist Rest
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com