| 전자부품 데이터시트 검색엔진 |
|
UPM2A220MPD 데이터시트(PDF) 3 Page - Nichicon corporation |
|
|
|||||||||||||||||||||||||||||
UPM2A220MPD 데이터시트(HTML) 3 Page - Nichicon corporation |
|
3 / 9 page ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100M UPM Rated Voltage (V) (code) Rated Capacitance (µF) Case Size φD×L(mm) tan δ Leakage Current (µA) Impedance(Ω) max. Rated Ripple (mArms) Part Number ( at 20℃ after 1 minute ) 20℃/ 100kHz -10℃/ 100kHz 105℃/ 10 to 200kHz 105℃/ 120Hz 10 (1A) 330 8×11.5 0.19 99 0.16 0.32 460 350 UPM1A331MPD 390 8×15 0.19 117 0.14 0.28 550 430 UPM1A391MPD 390 10×12.5 0.19 117 0.15 0.30 635 490 UPM1A391MPD6 470 8×15 0.19 141 0.12 0.24 595 475 UPM1A471MPD 470 10×12.5 0.19 141 0.13 0.26 670 535 UPM1A471MPD6 560 8×20 0.19 168 0.10 0.20 730 595 UPM1A561MPD 560 10×16 0.19 168 0.11 0.22 700 570 UPM1A561MPD6 680 8×20 0.19 204 0.085 0.17 795 660 UPM1A681MPD 680 10×16 0.19 204 0.090 0.18 825 685 UPM1A681MPD6 820 10×20 0.19 246 0.070 0.14 985 835 UPM1A821MPD 820 12.5×15 0.19 246 0.080 0.16 920 780 UPM1A821MHD6 1000 10×20 0.19 300 0.060 0.12 1060 915 UPM1A102MPD 1000 12.5×15 0.19 300 0.065 0.13 1040 900 UPM1A102MHD6 1200 10×25 0.19 360 0.050 0.10 1260 1120 UPM1A122MPD 1200 12.5×15 0.19 360 0.060 0.12 1060 930 UPM1A122MHD6 1500 10×30.5 0.19 450 0.045 0.09 1450 1300 UPM1A152MPD 1500 16×15 0.19 450 0.050 0.10 1330 1190 UPM1A152MHD6 1800 12.5×20 0.19 540 0.039 0.078 1470 1320 UPM1A182MHD 1800 16×15 0.19 540 0.044 0.088 1420 1270 UPM1A182MHD6 2200 12.5×25 0.21 660 0.034 0.068 1710 1530 UPM1A222MHD 2200 18×15 0.21 660 0.039 0.078 1600 1440 UPM1A222MHD6 2700 12.5×30.5 0.21 810 0.030 0.060 1980 1780 UPM1A272MHD 2700 16×20 0.21 810 0.035 0.070 1740 1560 UPM1A272MHD6 3300 12.5×35.5 0.23 990 0.026 0.052 2230 2000 UPM1A332MHD 3300 16×20 0.23 990 0.031 0.062 1850 1660 UPM1A332MHD6 3900 12.5×40 0.23 1170 0.024 0.048 2460 2210 UPM1A392MHD 3900 18×20 0.23 1170 0.028 0.056 2050 1840 UPM1A392MHD6 4700 16×30.5 0.25 1410 0.023 0.046 2420 2170 UPM1A472MHD 4700 18×25 0.25 1410 0.026 0.052 2350 2110 UPM1A472MHD6 5600 16×35.5 0.27 1680 0.021 0.042 2610 2340 UPM1A562MHD 5600 18×25 0.27 1680 0.024 0.048 2440 2190 UPM1A562MHD6 6800 16×35.5 0.29 2040 0.020 0.040 2770 2490 UPM1A682MHD 6800 18×30.5 0.29 2040 0.022 0.044 2720 2440 UPM1A682MHD6 8200 16×40 0.33 2460 0.019 0.038 3110 2790 UPM1A822MHD 8200 18×35.5 0.33 2460 0.021 0.042 3050 2740 UPM1A822MHD6 10000 18×40 0.37 3000 0.017 0.034 3300 2970 UPM1A103MHD 16 (1C) 220 8×11.5 0.16 105.6 0.16 0.32 460 335 UPM1C221MPD 270 8×15 0.16 129.6 0.14 0.28 550 410 UPM1C271MPD 270 10×12.5 0.16 129.6 0.14 0.28 635 470 UPM1C271MPD6 330 8×15 0.16 158.4 0.12 0.24 595 455 UPM1C331MPD 330 10×12.5 0.16 158.4 0.12 0.24 670 510 UPM1C331MPD6 390 8×20 0.16 187.2 0.10 0.20 730 570 UPM1C391MPD ■ Dimensions For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ). If there is no size code in the part number, please add size code “1” and then add the appropriate code. |