| 전자부품 데이터시트 검색엔진 |
|
FT-R40 데이터시트(PDF) 6 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
FT-R40 데이터시트(HTML) 6 Page - Panasonic Semiconductor |
|
6 / 16 page ![]() Digital Fiber Sensor FX-410 SERIES 172 Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Model No. Sensing range (mm in) (Note 1) Dimensions Red LED Blue LED Green LED U-LG STD FAST U-LG STD FAST U-LG STD FAST FT-S21W 380 14.961 80 3.150 55 2.165 53 2.087 16 0.630 9 0.354 28 1.102 7 0.276 4 0.157 P.55 FT-S30 1,600 62.992 345 13.583 245 9.646 250 9.843 65 2.559 45 1.772 140 5.512 40 1.575 25 0.984 P.55 FT-S31W 1,300 51.181 290 11.417 210 8.268 220 8.661 57 2.244 33 1.299 110 4.331 32 1.260 19 0.748 P.55 FT-S32 3,600 141.732 (Note 2) 920 36.220 670 26.378 700 27.559 180 7.087 110 4.331 400 15.748 92 3.622 62 2.441 P.55 FT-V23 720 28.346 140 5.512 100 3.937 120 4.724 30 1.181 20 0.787 65 2.559 16 0.630 9 0.354 P.55 FT-V24W 140 5.512 25 0.984 20 0.787 18 0.709 2 0.079 – 5 0.197 – – P.56 FT-V25 360 14.173 70 2.756 50 1.969 57 2.244 10 0.394 7 0.276 28 1.102 8 0.315 5 0.197 P.56 FT-V30 770 30.315 160 6.299 120 4.724 210 8.268 47 1.850 28 1.102 100 3.937 22 0.866 10 0.394 P.56 FT-V40 3,600 141.732 (Note 2) 950 37.402 730 28.740 810 31.890 190 7.480 130 5.118 500 19.685 115 4.528 81 3.189 P.56 FT-V80Y 1,500 59.055 350 13.780 250 9.843 240 9.449 55 2.165 35 1.378 180 7.087 38 1.496 24 0.945 P.56 FT-Z20HBW 390 15.354 80 3.150 55 2.165 64 2.520 16 0.630 10 0.394 30 1.181 7 0.276 5 0.197 P.56 FT-Z20W 1,300 51.181 270 10.630 190 7.480 170 6.693 39 1.535 23 0.906 92 3.622 19 0.748 11 0.433 P.56 FT-Z30 3,100 122.047 660 25.984 480 18.898 250 9.843 60 2.362 37 1.457 190 7.480 51 2.008 33 1.299 P.56 FT-Z30E 3,600 141.732 (Note 2) 1,200 47.244 920 36.220 960 37.795 250 9.843 160 6.299 460 18.110 120 4.724 83 3.268 P.56 FT-Z30EW 3,600 141.732 (Note 2) 590 23.228 430 16.929 940 37.008 180 7.087 110 4.331 400 15.748 85 3.346 56 2.205 P.57 FT-Z30H 3,600 141.732 (Note 2) 1,300 51.181 950 37.402 1,100 43.307 290 11.417 170 6.693 580 22.835 150 5.906 100 3.937 P.57 FT-Z30HW 3,600 141.732 (Note 2) 1,300 51.181 950 37.402 940 37.008 180 7.087 110 4.331 400 15.748 85 3.346 56 2.205 P.57 FT-Z30W 2,400 94.488 540 21.260 390 15.354 180 7.087 45 1.772 28 1.102 160 6.299 34 1.339 21 0.827 P.57 FT-Z40HBW 1,300 51.181 290 11.417 210 8.268 220 8.661 57 2.244 33 1.299 110 4.331 32 1.260 19 0.748 P.57 FT-Z40W 2,200 86.614 460 18.110 340 13.386 380 14.961 90 3.543 63 2.480 170 6.693 45 1.772 30 1.181 P.57 FT-Z802Y 3,500 137.795 (Note 2) 750 29.528 540 21.260 450 17.717 110 4.331 80 3.150 300 11.811 80 3.150 60 2.362 P.57 LIST OF FIBERS Thru-beam type (one pair set) Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 2) The fiber cable length practically limits the sensing range. Retroreflective type Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. Model No. Sensing range (mm in) (Note 1,2) Dimensions Red LED Blue LED Green LED U-LG STD FAST U-LG STD FAST U-LG STD FAST FR-KZ22E 15 to 350 0.591to13.780 15 to 140 0.591 to 5.512 15 to 100 0.591 to 3.937 20 to 100 0.787 to 3.937 – – – – – P.58 FR-KZ50E 20 to 400 0.787to15.748 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 84 0.787 to 3.307 20 to 45 0.787 to 1.771 20 to 180 0.787 to 7.087 20 to 55 0.787 to 1.969 – P.58 FR-KZ50H 20 to 400 0.787to15.748 20 to 200 0.787 to 7.874 20 to 200 0.787 to 7.874 20 to 145 0.787 to 5.709 20 to 47 0.787 to 1.850 20 to 26 0.787 to 1.024 20 to 145 0.787 to 5.709 20 to 47 0.787 to 1.850 20 to 26 0.787 to 1.024 P.58 FR-Z50HW 100 to 1,000 3.937to39.370 100 to 540 3.937to21.260 100 to 460 3.937to18.110 100 to 490 3.937to19.291 – – – – – P.58 Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. The sensing range of FR-KZ22E is specified for the attached reflector. The sensing range of FR-KZ50E and FR-KZ50H is specified for the attached reflector RF-003. The sensing range of FR-Z50HW is specified for the RF-13. 2) The sensing range is the possible setting range for the attached reflector. The fiber can detect an object less than setting range for the reflector. However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value of the amplifier unit before use. Sensing range when using in combination with FR-Z50HW reflector (Optional) Note: The sensing range is the possible setting range for the reflector. The fiber can detect an object less than setting range for the reflector. However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs, adjust the threshold value of the amplifier unit before use. The sensing ranges are the value for red LED types. Reflector Model No. Sensing range (mm in) FX-411 U-LG STD FAST RF-230 100 to 12,000 3.937 to 47.244 100 to 1,700 3.937 to 66.929 100 to 1,300 3.937 to 51.181 RF-220 100 to 2,200 3.937 to 8.661 100 to 950 3.937 to 37.402 100 to 730 3.937 to 28.740 RF-210 100 to 2,100 3.937 to 82.677 100 to 780 3.937 to 30.709 100 to 620 3.937 to 24.409 |