전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSG01522 데이터시트(PDF) 1 Page - Pro-Signal

부품명 PSG01522
상세설명  Phono Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROSIGNAL [Pro-Signal]
홈페이지  
Logo PROSIGNAL - Pro-Signal

PSG01522 데이터시트(HTML) 1 Page - Pro-Signal

  PSG01522 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
12/11/15
Phono Plug
Item
Designation
Material
1
Pin
Cu
2
Copper Head
Cu
3
Plastic Handle
ABS
4
Dielectric
ABS
5
Soldering Patch
CU
6
Crimping Patch
Cu
Specifications:
Gender
: Plug
Material
: Plastic
Pin Diameter
: 3.2mm
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Plug, RCA/PHONO, Cable,
Gold/Red
PSG01522


유사한 부품 번호 - PSG01522

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
PSG01526 ETC-PSG01526 Datasheet
318Kb / 1P
Phono Plug
V1.0 11/09/12
PSG01527 ETC-PSG01527 Datasheet
322Kb / 1P
Phono Plug
V1.0 11/09/12
More results

유사한 설명 - PSG01522

제조업체부품명데이터시트상세설명
logo
Pomona Electronics
1442 POMONA-1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
5319 POMONA-5319 Datasheet
18Kb / 1P
Adapter - BNC Female To Phono Plug
logo
Switchcraft, Inc.
3503X SWITCH-3503X Datasheet
260Kb / 1P
PHONO EXTENSION JAX, RoHS
logo
Pomona Electronics
MODEL1442 POMONA-MODEL1442 Datasheet
28Kb / 1P
Adapter, Phono Jack To Double Banana Plug
MODEL5319 POMONA-MODEL5319 Datasheet
18Kb / 1P
Adapter ??BNC Female To Phono Plug
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
List of Unclassifed Man...
BU-P5319 ETC2-BU-P5319 Datasheet
192Kb / 1P
Adapter - BNC Female to Phono Plug
logo
Neutrik AG
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
logo
REAN
NYS352 REAN-NYS352 Datasheet
219Kb / 3P
Heavy duty phono plug, cable clamp
09.12.2021
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com