전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH5130 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH5130
상세설명  Photodetektor mit Spannungsausgang Light to Voltage Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5130 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH5130 Datasheet HTML 1Page - OSRAM GmbH SFH5130 Datasheet HTML 2Page - OSRAM GmbH SFH5130 Datasheet HTML 3Page - OSRAM GmbH SFH5130 Datasheet HTML 4Page - OSRAM GmbH SFH5130 Datasheet HTML 5Page - OSRAM GmbH SFH5130 Datasheet HTML 6Page - OSRAM GmbH SFH5130 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SFH 5130
2004-12-20
2
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Lagertemperatur
Storage temperature range
T
stg
– 40 … + 85
°C
Versorgungsspannung
Supply Voltage
V
DD
6
V
Ausgangsspannung
Output voltage
V
OUT
< V
DD
V
Elektrostatische Entladung
Electrostatic Discharge
Human Body Model according to EOS/ESD-5.1-1993
ESD
2
kV
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Funktionstemperatur
Operating Temperature
T
op
- 40
+ 25
+ 75
°C
Betriebsspannung
Supply Voltage
V
DD
4.5
5
5.5
V
Kapazitive Ausgangslast
Output load capacitance
C
L
30
nF
Kennwerte (
T
A = 25 °C, VDD = 5 V, RL = 10 kΩ)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Stromaufnahme,
E
e = 0
Current consumption
I
DD
1.5
4.5
mA
Dunkelspannung
Dark Voltage
V
D
1.2
15
mV
Spektraler Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
λ
350
1100
nm



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com