전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPW34FAS 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 BPW34FAS
상세설명  Si-PIN-Fotodiode mit Tageslichtsperrfilter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34FAS 데이터시트(HTML) 6 Page - OSRAM GmbH

  BPW34FAS Datasheet HTML 1Page - OSRAM GmbH BPW34FAS Datasheet HTML 2Page - OSRAM GmbH BPW34FAS Datasheet HTML 3Page - OSRAM GmbH BPW34FAS Datasheet HTML 4Page - OSRAM GmbH BPW34FAS Datasheet HTML 5Page - OSRAM GmbH BPW34FAS Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2004-03-10
6
BPW 34 FA, BPW 34 FAS, BPW 34 FAS (R18R)
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Published by OSRAM Opto Semiconductors GmbH
Wernerwerkstrasse 2, D-93049 Regensburg
© All Rights Reserved.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
1 , may only be used in life-support devices or systems 2 with the express written approval of OSRAM OS.
1 A critical component is a component usedin a life-support device or system whose failure can reasonably be expected
to cause the failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain
and sustain human life. If they fail, it is reasonable to assume that the health of the user may be endangered.
BPW 34 FAS (R18R)
4.5 (0.177)
4.3 (0.169)
Photosensitive area
Cathode lead
GEOY6916
6.7 (0.264)
6.2 (0.244)
1.1 (0.043)
0.9 (0.035)
2.65 (0.104) x 2.65 (0.104)
1.8 (0.071) ±0.2 (0.008)
Chip position



Html Pages

1 2 3 4 5 6