전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH3010 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 SFH3010
상세설명  NPN-Silizium-Fototransistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3010 데이터시트(HTML) 1 Page - OSRAM GmbH

  SFH3010 Datasheet HTML 1Page - OSRAM GmbH SFH3010 Datasheet HTML 2Page - OSRAM GmbH SFH3010 Datasheet HTML 3Page - OSRAM GmbH SFH3010 Datasheet HTML 4Page - OSRAM GmbH SFH3010 Datasheet HTML 5Page - OSRAM GmbH SFH3010 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 3010
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
2003-01-30
1
Wesentliche Merkmale
• Sehr kleines SMT-Gehäuse (SCD 80):
(LxBxH) 1,7 mm x 0,8 mm x 0,65 mm
• Speziell geeignet für Anwendungen im Bereich
von 420 nm bis 1100 nm
• großer Empfangswinkel
±80°
• geeignet für IR-Reflow-Löten (JEDEC level 4)
• Nur gegurtet lieferbar
Anwendungen
• Miniaturlchtschranken
• Sensorik (z.B. Handy)
• „Messen/Steuern/Regeln“
Typ
Type
Bestellnummer
Ordering Code
SFH 3010
Q62702-P5555
Features
• Very small SMT package (SCD 80):
(LxWxH) 1.7 mm x 0.8 mm x 0.65 mm
• Especially suitable for applications from
420 nm to 1100 nm
• large viewing angle
±80°
• suitable for IR reflow soldering (JEDEC level 4)
• Available only on tape and reel
Applications
• Miniature photointerrupters
• Sensor technology (eg mobile phone)
• For control and drive circuits


유사한 부품 번호 - SFH3010

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH3015FA OSRAM-SFH3015FA Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
More results

유사한 설명 - SFH3010

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
NPN-Silizium-Fototransistor
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
Mini-NPN-Silizium-Fototransistor
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com