| 전자부품 데이터시트 검색엔진 |
|
R140-R140M-0537 데이터시트(PDF) 3 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
R140-R140M-0537 데이터시트(HTML) 3 Page - GIACOMINI WATER E-MOTION |
|
3 / 4 page ![]() 3 0537EN November 2022 Boiler room components MeMbrane safety valves r140, r140M Accessories It is a good idea to channel the fluids drained by the safety valves with the aid of a funnel R141 or R141C (to be ordered separately). Relief funnel R141 Relief funnel R141C For safety valve with drainage of: R141Y003 - 1/2" R141Y014 R141CY004 3/4" R141Y015 R141CY005 1" R141Y016 R141CY006 1 1/4" Note. The use of the R141 relief funnels (plus curved couplings R19 and R189 if necessary) prevents any spray from reaching the electric components. Maintenance The valve must be checked at least once a year, by increasing the system pressure to induce drainage. If this is not possible, you can rotate the knob and check the drainage visually. Any impurities that form on the housing can be removed by means of regular purging. Dimensions Series Product code Connections Dimensions (A x B x C) [mm] Suitable relief funnel A C A C R140 R140M R140 R140Y001 G 1/2"F x G 1/2"F 48 x 84 x 38 R141Y003 R140Y002 R140Y003 R140Y005 R140Y006 R140Y007 R140Y008 R140Y009 R140Y010 R140Y011 R140Y013 R140Y020 G 3/4"F x G 3/4"F 58 x 94 x 47 R141Y014 R141CY004 R140Y021 R140Y022 R140Y023 R140Y025 R140Y026 R140Y027 R140Y028 R140Y029 R140Y031 R140Y032 R140Y040 G 1"F x G 1"F 69 x 146 x 55 R141Y015 R141CY005 R140Y042 R140Y043 R140Y045 R140Y046 R140Y047 R140Y048 R140Y049 R140Y051 R140Y052 R140Y062 G 1-1/4"F x G 1-1/4"F 86 x 151 x 69 R141Y016 R141CY006 R140Y063 R140Y065 R140Y066 R140Y067 R140Y068 R140Y069 R140M R140MY003 G 1/2”M x G 1/2"F 48 x 102 x 38 R141Y003 |