전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH3500 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SFH3500
상세설명  Silicon NPN Phototransistor in SMR짰 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3500 데이터시트(HTML) 2 Page - OSRAM GmbH

  SFH3500 Datasheet HTML 1Page - OSRAM GmbH SFH3500 Datasheet HTML 2Page - OSRAM GmbH SFH3500 Datasheet HTML 3Page - OSRAM GmbH SFH3500 Datasheet HTML 4Page - OSRAM GmbH SFH3500 Datasheet HTML 5Page - OSRAM GmbH SFH3500 Datasheet HTML 6Page - OSRAM GmbH SFH3500 Datasheet HTML 7Page - OSRAM GmbH SFH3500 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-04-03
2
SFH 3500
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 85
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
V
CE (t < 2 min)
35
70
V
V
Kollektorstrom
Collector current
I
C
50
mA
Kollektorspitzenstrom,
τ < 10 μs
Collector surge current
I
CS
100
mA
Emitter-Kollektorspannung
Emitter-collector voltage
V
EC
7
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
150
mW
Wärmewiderstand
Thermal resistance
R
thJA
400
K/W



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com