| 전자부품 데이터시트 검색엔진 |
|
STM32F302R8T6 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302R8T6 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() Features Common features • STM32 microcontroller in an LQFP64 or LQFP48 package • 1 user LED shared with ARDUINO® • 1 user and 1 reset push-buttons • 32.768 kHz crystal oscillator • Board connectors: – ARDUINO® Uno V3 expansion connector – ST morpho extension pin headers for full access to all STM32 I/Os • Flexible power-supply options: ST-LINK USB VBUS or external sources • On-board ST-LINK debugger/programmer with USB re-enumeration capability: mass storage, Virtual COM port, and debug port • Comprehensive free software libraries and examples available with the STM32Cube MCU Package • Support of a wide choice of Integrated Development Environments (IDEs) including IAR Embedded Workbench®, MDK-ARM, and STM32CubeIDE Board-specific features • External SMPS to generate Vcore logic supply • 24 MHz or 48 MHz HSE • User USB Device full speed, or USB SNK/UFP full speed • Cryptography • Board connectors: – External SMPS experimentation dedicated connector – USB Type-C®, Micro-B, or Mini-B connector for the ST-LINK – USB Type-C® user connector – MIPI® debug connector Description The STM32 Nucleo-64 board provides an affordable and flexible way for users to try out new concepts and build prototypes by choosing from the various combinations of performance and power consumption features, provided by the STM32 microcontroller. For the compatible boards, the external SMPS significantly reduces power consumption in Run mode. The ARDUINO® Uno V3 connectivity support and the ST morpho headers allow the easy expansion of the functionality of the STM32 Nucleo open development platform with a wide choice of specialized shields. The STM32 Nucleo-64 board does not require any separate probe as it integrates the ST-LINK debugger/programmer. The STM32 Nucleo-64 board comes with the STM32 comprehensive free software libraries and examples available with the STM32Cube MCU Package. NUCLEO-U545RE-Q example. Boards with different references show different layouts. Picture is not contractual. Product status link NUCLEO-XXXXCX NUCLEO-C031C6 NUCLEO-XXXXRX NUCLEO-F030R8, NUCLEO-F070RB, NUCLEO-F072RB, NUCLEO-F091RC, NUCLEO-F103RB, NUCLEO-F302R8, NUCLEO-F303RE, NUCLEO-F334R8, NUCLEO-F401RE, NUCLEO-F410RB, NUCLEO-F411RE, NUCLEO-F446RE, NUCLEO-G070RB, NUCLEO-G071RB, NUCLEO-G0B1RE, NUCLEO-G431RB, NUCLEO-G474RE, NUCLEO-G491RE, NUCLEO-H503RB, NUCLEO-L010RB, NUCLEO-L053R8, NUCLEO-L073RZ, NUCLEO-L152RE, NUCLEO-L452RE, NUCLEO-L476RG NUCLEO-XXXXRX-P NUCLEO-L412RB-P, NUCLEO-L433RC-P, NUCLEO-L452RE-P NUCLEO-XXXXRX-Q NUCLEO-U545RE-Q STM32 Nucleo-64 boards NUCLEO ‑XXXXCX NUCLEO‑XXXXRX NUCLEO ‑XXXXRX‑P NUCLEO-XXXXRX-Q Data brief DB2196 - Rev 17 - February 2023 For further information contact your local STMicroelectronics sales office. www.st.com |
유사한 부품 번호 - STM32F302R8T6 |
|
유사한 설명 - STM32F302R8T6 |