전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCD55104A 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 SCD55104A
상세설명  Dot Addressable Intelligent Display짰 Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCD55104A 데이터시트(HTML) 2 Page - OSRAM GmbH

  SCD55104A Datasheet HTML 1Page - OSRAM GmbH SCD55104A Datasheet HTML 2Page - OSRAM GmbH SCD55104A Datasheet HTML 3Page - OSRAM GmbH SCD55104A Datasheet HTML 4Page - OSRAM GmbH SCD55104A Datasheet HTML 5Page - OSRAM GmbH SCD55104A Datasheet HTML 6Page - OSRAM GmbH SCD55104A Datasheet HTML 7Page - OSRAM GmbH SCD55104A Datasheet HTML 8Page - OSRAM GmbH SCD55104A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2006-02-20
2
SCD55100A, SCD55101A, SCD55102A, SCD55103A, SCD55104A
Package Outlines
Dimensions in mm (inch)
Ordering Information
Type
Color of Emission
Character Height
mm (inch)
Ordering Code
SCD55104A
standard red
3.68 (0.145)
Q68100A0988
SCD55101A
yellow
Q68100A0989
SCD55102A
high efficiency red
Q68100A0990
SCD55103A
green
Q68100A0991
SCD55104A
high efficiency green
Q68100A0992
IDOD5211
2.03 (0.080)
3.81 (0.150)
38.1 (1.500) max.
Pin
7.62 (0.300) ±0.51 (0.020)
0.3 (0.012) typ.
1.27 (0.050) typ.
Indicator
1
33.02 (1.300) ref.
Seating Plane
2.54 (0.100) typ.
±0.25 (0.010)
Tol. non accum. 1
SCD5510XA
OSRAM
YYWW
ZY
EIA Date Code
Intensity Code
Hue Code
Dimension is at Seating Plane.
2. Display matrix and pins centered on package outline.
3. Display matrix centered to pin array.
4. Tolerance: ±.XXX (0.010)
1.
1
Color Code
Part No
5. Lead dim .018 wide x .012 THK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17