| 전자부품 데이터시트 검색엔진 |
|
STM32F207VCT7TR 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207VCT7TR 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 184 page ![]() Pinouts and pin description STM32F20xxx 48/184 DocID15818 Rev 15 -- - 14 20 J3 PF4 I/O FT (4) FSMC_A4, EVENTOUT ADC3_IN14 -- - 15 21 K3 PF5 I/O FT (4) FSMC_A5, EVENTOUT ADC3_IN15 -H9 10 16 22 G2 VSS S- - - - -- 11 17 23 G3 VDD S- - - - -- - 18 24 K2 PF6 I/O FT (4) TIM10_CH1, FSMC_NIORD, EVENTOUT ADC3_IN4 -- - 19 25 K1 PF7 I/O FT (4) TIM11_CH1,FSMC_NREG, EVENTOUT ADC3_IN5 -- - 20 26 L3 PF8 I/O FT (4) TIM13_CH1, FSMC_NIOWR, EVENTOUT ADC3_IN6 -- - 21 27 L2 PF9 I/O FT (4) TIM14_CH1, FSMC_CD, EVENTOUT ADC3_IN7 -- - 22 28 L1 PF10 I/O FT (4) FSMC_INTR, EVENTOUT ADC3_IN8 5E9 12 23 29 G1 PH0/OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN(4) 6F9 13 24 30 H1 PH1/OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT(4) 7 E8 14 25 31 J1 NRST I/O - - - 8G9 15 26 32 M2 PC0 I/O FT (4) OTG_HS_ULPI_STP, EVENTOUT ADC123_ IN10 9F8 16 27 33 M3 PC1 I/O FT (4) ETH_MDC, EVENTOUT ADC123_ IN11 10 D7 17 28 34 M4 PC2 I/O FT (4) SPI2_MISO, OTG_HS_ULPI_DIR, ETH_MII_TXD2, EVENTOUT ADC123_ IN12 11 G8 18 29 35 M5 PC3 I/O FT (4) SPI2_MOSI, I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, EVENTOUT ADC123_ IN13 - - 19 30 36 - VDD S- - - - 12 - 20 31 37 M1 VSSA S- - - - -- - - - N1 VREF- S- - - - -F7 21 32 38 P1 VREF+ S- - - - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |