전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH4230 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 SFH4230
상세설명  High Power Infrared Emitter (850 nm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4230 데이터시트(HTML) 4 Page - OSRAM GmbH

  SFH4230 Datasheet HTML 1Page - OSRAM GmbH SFH4230 Datasheet HTML 2Page - OSRAM GmbH SFH4230 Datasheet HTML 3Page - OSRAM GmbH SFH4230 Datasheet HTML 4Page - OSRAM GmbH SFH4230 Datasheet HTML 5Page - OSRAM GmbH SFH4230 Datasheet HTML 6Page - OSRAM GmbH SFH4230 Datasheet HTML 7Page - OSRAM GmbH SFH4230 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SFH 4230
2007-03-29
4
Abstrahlcharakteristik
Radiation Characteristics I
rel = f (ϕ)
Gesamtstrahlungsfluss
1)
Φ
e
Total Radiant Flux
1)
Φ
e
Bezeichnung
Parameter
Symbol
Werte
Values
Einheit
Unit
SFH 4230-CW SFH 4230-DW
Gesamtstrahlungsfluss
Total Radiant Flux
I
F = 1 A, tp = 100 µs
Φ
e min
Φ
e max
250
500
400
800
mW
mW
1)
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1) /
Only one group in one packing unit (variation lower 2:1)
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com