전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC2G241DCTRG4.Z 데이터시트(PDF) 13 Page - Texas Instruments

부품명 74LVC2G241DCTRG4.Z
상세설명  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

74LVC2G241DCTRG4.Z 데이터시트(HTML) 13 Page - Texas Instruments

Back Button 74LVC2G241DCTRG4.Z Datasheet HTML 9Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 10Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 11Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 12Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 13Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 14Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 15Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 16Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-May-2025
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the
finish value exceeds the maximum column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per
JEDEC standards is shown. Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the
previous line and the two combined represent the entire part marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25