전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G241DCUT.Z 데이터시트(PDF) 14 Page - Texas Instruments

부품명 SN74LVC2G241DCUT.Z
상세설명  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G241DCUT.Z 데이터시트(HTML) 14 Page - Texas Instruments

Back Button SN74LVC2G241DCUT.Z Datasheet HTML 10Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 11Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 12Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 13Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 14Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 15Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 16Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 17Page - Texas Instruments SN74LVC2G241DCUT.Z Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Oct-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
74LVC2G241DCTRE4
SSOP
DCT
8
3000
180.0
13.0
3.35
4.5
1.55
4.0
12.0
Q3
74LVC2G241DCTRG4
SSOP
DCT
8
3000
180.0
13.0
3.35
4.5
1.55
4.0
12.0
Q3
74LVC2G241DCUTG4
VSSOP
DCU
8
250
180.0
8.4
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G241DCTR
SSOP
DCT
8
3000
180.0
12.4
3.15
4.35
1.55
4.0
12.0
Q3
SN74LVC2G241DCUR
VSSOP
DCU
8
3000
178.0
9.0
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G241DCUT
VSSOP
DCU
8
250
178.0
9.0
2.25
3.35
1.05
4.0
8.0
Q3
SN74LVC2G241YZPR
DSBGA
YZP
8
3000
180.0
8.4
1.02
2.02
0.63
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25